Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 206 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 206 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 202Page - Texas Instruments DAC39RF10 Datasheet HTML 203Page - Texas Instruments DAC39RF10 Datasheet HTML 204Page - Texas Instruments DAC39RF10 Datasheet HTML 205Page - Texas Instruments DAC39RF10 Datasheet HTML 206Page - Texas Instruments DAC39RF10 Datasheet HTML 207Page - Texas Instruments DAC39RF10 Datasheet HTML 208Page - Texas Instruments DAC39RF10 Datasheet HTML 209Page - Texas Instruments DAC39RF10 Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 232 page
background image
An alternative is to use dividers and mixers to translate the APLL output to a new higher frequency. Figure 9-11
shows an example for a 10GHz clock synthesizer. This uses the same reference multiplier chain and APLL as
described above and adds a mixing stage to translate the DAC clock from 8 to 10GHz.
/4
LMX1204
EP2C+
CMD275P4
LO
IF
RF
MDB-24H+
PMA2-183LN+
10 GHz
1 GHz
Ref In
2X
2X
8V
DRO
8V
LO
IF
RF
-2V
THS4031
SIM-153LH+
EP2C+
R2
C1
C2
R1
2X
PMA2-183LN+
To DAC
Clock
Distribution
Reference Multiplier
8 GHz Analog PLL
8 to 10 GHz Mixing Stage
Figure 9-11. 10GHz Clock Synthesizer
The LMX1204 can operate as a buffer, multiplier or divider. In this case the LMX1204 is used to divide the
8GHz APLL output by 4, which is then mixed with the input to translate the clock to 10GHz. A bandpass filter
is required after mixing to remove the LO feedthrough and undesirable mixing products. Figure 9-12 shows the
input 8GHz scaled to 10GHz and resulting 10GHz after mixing.
As with the reference multiplier chain, special care must be taken selecting the components and operating points
for best phase noise. A slight improvement in noise floor was found by power combining two the of the LMX1204
outputs before feeding the IF input of the mixer.
Offset Frequency (Hz)
102
103
104
105
106
107
108
-170
-160
-150
-140
-130
-120
-110
-100
10 GHz Clock
8 GHz Clock (scaled to 10 GHz)
Figure 9-12. 8GHz and 10GHz Clock Phase Noise
9.2.5 Application Curves
The radar chip waveform used for testing is a non-linear frequency modulated (NLFM) pulse, lasting 4096
samples at the 250MSPS complex input rate. At baseband, the frequency ramps from -100MHz to + 100MHz,
following a frequency ramp curve developed by Price and shown in Equation 6 [Price R. Chebyshev Low Pulse
Compression Sidelobes via a Nonlinear FM. National Radio Science Meeting of URSI; PortSaid, Egypt: 1979.]
with T = 4096 samples, B = 0.8, Bl = 0.5611 and Bc = 0.238.
ff,Bl, Bc =B×t−T2T× Bl+ Bc
1−4t−T22T2
(6)
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
206
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com