Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 135 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 135 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 131Page - Texas Instruments DAC39RF10 Datasheet HTML 132Page - Texas Instruments DAC39RF10 Datasheet HTML 133Page - Texas Instruments DAC39RF10 Datasheet HTML 134Page - Texas Instruments DAC39RF10 Datasheet HTML 135Page - Texas Instruments DAC39RF10 Datasheet HTML 136Page - Texas Instruments DAC39RF10 Datasheet HTML 137Page - Texas Instruments DAC39RF10 Datasheet HTML 138Page - Texas Instruments DAC39RF10 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 232 page
background image
7.5.1.6 Streaming Mode
The serial interface supports streaming reads and writes. In this mode, the initial 24 bits of the transaction
specifies the access type, register address, and data value as normal. Additional clock cycles of write or read
data are immediately transferred, as long as the SCS input is maintained in the asserted (logic low) state. The
register address auto increments (default) or decrements for each subsequent 8-bit transfer of the streaming
transaction. The ASCEND bit (register 000h, bit 5) controls whether the address value ascends (increments) or
descends (decrements). Figure 7-59 shows the streaming mode transaction details.
SCLK
1
24
Multiple Register Access
SCS
SDI
Command Field
Data Field (write mode)
SDO
(read mode)
Data Field
High Z
17
16
8
32
Data Field
High Z
25
Data Field (write mode)
A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
R/W
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
Figure 7-59. Serial Interface Protocol: Streaming Read and Write
7.5.2 Using the Fast Reconfiguration Interface
The FR interface provides fast write-only access to configure NCO frequencies and synchronization. The FR
interface is similar to the SPI interface, but 4 bits are sent per clock cycle. The FR timing diagram is shown
in Figure 7-60. It uses a R/W bit (always Write for this device), a transaction sync bit (FRS), and 14-bits of
address followed by some number of data bytes. The address is decremented after each data byte (consistent
with little-endian). The interface is byte addressable and data is committed after each byte. The FR interface
is takes 4-bits (one nibble) per clock. For multi-nibble fields, data is sent most-significant nibble first. When
the transaction sync bit (FRS) is set, the synchronization event specified in the NCO_SYNC_SRC register field
occurs at the rising edge of FRCS. Transactions ended before the completion of the first data byte may not
trigger the sync event.
FRCS
FRCLK
FRDI[3]
RW
A[11]
A[7]
A[3]
D[7]
D[3]
Address A
Address A-1
FRS
A[10]
A[6]
A[2]
D[6]
D[2]
A[13]
A[9]
A[5]
A[1]
D[5]
D[1]
A[12]
A[8]
A[4]
A[0]
D[4]
D[0]
FRDI[2]
FRDI[1]
FRDI[0]
D[7]
D[3]
D[6]
D[2]
D[5]
D[1]
D[4]
D[0]
Figure 7-60. FR Interface Timing Diagram
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
135
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com