Electronic Components Datasheet Search
  English  ▼

X  

AFG31102 Datasheet(PDF) 4 Page - TEKTRONIX, INC

Part # AFG31102
Description  Arbitrary Function Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

AFG31102 Datasheet(HTML) 4 Page - TEKTRONIX, INC

  AFG31102 Datasheet HTML 1Page - TEKTRONIX, INC AFG31102 Datasheet HTML 2Page - TEKTRONIX, INC AFG31102 Datasheet HTML 3Page - TEKTRONIX, INC AFG31102 Datasheet HTML 4Page - TEKTRONIX, INC AFG31102 Datasheet HTML 5Page - TEKTRONIX, INC AFG31102 Datasheet HTML 6Page - TEKTRONIX, INC AFG31102 Datasheet HTML 7Page - TEKTRONIX, INC AFG31102 Datasheet HTML 8Page - TEKTRONIX, INC AFG31102 Datasheet HTML 9Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Automate testing with Kickstart software
Use Kickstart to control your AFG31000 remotely and set up automated
tests in four easy steps:
1. Select the AFG application.
2. Set up your instrument by selecting an AFG model and name (for
example, My AFG31252).
3. Enter the test parameters.
4. Enable output to initiate signal generation.
Kickstart provides built-in common waveforms like sine, square, pulse,
ramp, and noise that you can simulate, or load a custom arbitrary
function from a file on your PC or from the AFG. Then capture, export,
and save your waveform settings.
Easily align and swap parameters between channels using the
InterChannel settings for AFGs and tests utilizing two channels.
Save the test parameters to visit later or take a screenshot of the tables
and graphs directly from Kickstart to use in your test reports.
Add the AFG application to your Kickstart applications for Source
Measure Units, Oscilloscopes, Data Acquisition Units, DMMs, and
power supplies to complete your automated bench test solution.
Learn more by visiting www.tek.com/en/products/keithley/keithley-
control-software-bench-instruments/kickstart.
Built-in ArbBuilder tool makes creating and editing
arbitrary waveforms easier than ever
ArbBuilder is a built-in application on the AFG31000 series that lets you
create and edit your arbitrary waveforms directly on the generator. You
can create arbitrary waveforms with the Equation Editor tool or start
from a library of standard templates. Thanks to the large capacitive
touch screen, you can drag, pinch and zoom to get the detail you need.
You can quickly replicate real-world waveforms captured with
oscilloscopes or created by third-party software by loading CSV format
data files directly into ArbBuilder from a USB memory stick.
Creating an arbitrary waveform using the easy touch screen interface
Simplified multi-unit synchronization
Most applications need one or two channels of output, but some
applications require more channels. For example, in order to simulate
3-phase power signals, engineers often need to synchronize three
2-channel generators; one for the voltage and current on each phase.
To do this used to be time-consuming, as it required many cable
connections between the AFG units, and making changes in deep
branches of the menu trees on all instruments.
The AFG31000 simplifies this process with an onscreen wizard that
leads you through the process of making cable connections and
configuring settings to synchronize multiple generators.
An on-screen wizard guides you through the process of multiple-unit synchronization
AFG31000 Series Datasheet
www.tek.com 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com