Electronic Components Datasheet Search
  English  ▼

X  

AFG31102 Datasheet(PDF) 2 Page - TEKTRONIX, INC

Part # AFG31102
Description  Arbitrary Function Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

AFG31102 Datasheet(HTML) 2 Page - TEKTRONIX, INC

  AFG31102 Datasheet HTML 1Page - TEKTRONIX, INC AFG31102 Datasheet HTML 2Page - TEKTRONIX, INC AFG31102 Datasheet HTML 3Page - TEKTRONIX, INC AFG31102 Datasheet HTML 4Page - TEKTRONIX, INC AFG31102 Datasheet HTML 5Page - TEKTRONIX, INC AFG31102 Datasheet HTML 6Page - TEKTRONIX, INC AFG31102 Datasheet HTML 7Page - TEKTRONIX, INC AFG31102 Datasheet HTML 8Page - TEKTRONIX, INC AFG31102 Datasheet HTML 9Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Key settings are visible at a glance, and are easy to adjust using touch, numeric keypad,
or rotary controls
New with the AFG31000, Advanced mode provides the ability to
generate multiple waveforms with complex timing. In this mode, you
can compose a list (or a sequence) of 1 to 256 waveforms, with total
waveform length up to 16 Mpts/ch (128 Mpts/ch optional) and define
the ouput sequence of these waveforms. Repeat, go-to, wait, jump,
and triggered events are all supported and the large memory provides
space to store many waveforms or long waveforms.
This feature is very useful in applications where many test cases need
to be performed sequentially. Instead of loading the test cases one
by one, you can put all of them in a sequence and load at one time,
switching from one to another seamlessly to greatly improve the test
efficiency.
Advanced mode lets you build complex waveform sequences with flexible step controls
Sequenced sine waveforms with different frequency and amplitude.
Additionally, Advanced mode uses variable sample rate technology.
Every sample in a waveform is output once and only once in each
cycle, synchronized to the sample rate. Since there is no skipping or
repetition, all details in the waveforms are kept. This feature is very
useful for applications in which signal fidelity is extremely critical, such
as IQ modulation and pulse train generation.
InstaView™ technology shows the actual waveform at
the DUT
Most waveform generators assume they are driving a 50 Ω impedance.
However, most devices under test do not have a 50 Ω impedance. This
mismatch results in an inconsistency between the waveform as set on
the AFG and the signal at the DUT.
AFG31000 Series Datasheet
www.tek.com 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com