Electronic Components Datasheet Search
  English  ▼

X  

AFG31102 Datasheet(PDF) 5 Page - TEKTRONIX, INC

Part # AFG31102
Description  Arbitrary Function Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

AFG31102 Datasheet(HTML) 5 Page - TEKTRONIX, INC

  AFG31102 Datasheet HTML 1Page - TEKTRONIX, INC AFG31102 Datasheet HTML 2Page - TEKTRONIX, INC AFG31102 Datasheet HTML 3Page - TEKTRONIX, INC AFG31102 Datasheet HTML 4Page - TEKTRONIX, INC AFG31102 Datasheet HTML 5Page - TEKTRONIX, INC AFG31102 Datasheet HTML 6Page - TEKTRONIX, INC AFG31102 Datasheet HTML 7Page - TEKTRONIX, INC AFG31102 Datasheet HTML 8Page - TEKTRONIX, INC AFG31102 Datasheet HTML 9Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Double Pulse Test
The AFG31000 includes Double PulseTest, a downloadable plugin
software application that enables double pulse applications for the
power and semiconductor markets. The Double Pulse Test user
interface provides touch-and-swipe or point-and-click control for
generating at least two varying pulse widths. These pulses can be
output to an isolated gate driver to trigger power devices such as
MOSFETs or IGBTs.
Double Pulse user interface
Key features
• Ready-to-use, ease of use, built-in applications that reduce test
development time
• Generate pulses with varying pulse widths
• Pulse widths from 20 ns to 150 μs
• GUI and large touchscreen display
• Multi-triggers method: Manual, Continuous and External
• Up to 30 pulses
• Ohm or High Z output modes
• Free to download from the website
• Works on all of the AFG31000 Series models
Reduce development time with ready-to-use, built-in applications
The Double Pulse Test on the AFG31000 offers the design and test
engineer the ability to generate voltage pulses with varying pulse widths
onto their DUTs. The design and test engineers are able to perform the
Double Pulse Test in less than one minute, saving them hours when
compared to using a PC software or a microcontroller to perform the
test with varying configurations.
Typical applications
• R&D engineer and test engineer of semiconductor industry (power
device and power module with SiC/GaN/Si)
• Automotive industry (EV, EHV, FCV), laboratory and university of
power electronics
• Power device manufacturer
• Heavy user of power device and module
• Inverter and motor drive system
Upgradability protects your investment
The AFG31000 provides upgrade options for bandwidth, memory
extension, and sequence mode support. These options can be installed
at the factory or at any time after purchase. This upgradability helps
to reduce the product ownership threshold. And when your test
requirements change, you can purchase and install upgrade software
licenses to add higher performance features. Upgrades eliminate the
concern about the return on investment during the instrument lifetime.
AFG31000 Series Datasheet
www.tek.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com