Electronic Components Datasheet Search
  English  ▼

X  

AFG31102 Datasheet(PDF) 8 Page - TEKTRONIX, INC

Part # AFG31102
Description  Arbitrary Function Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

AFG31102 Datasheet(HTML) 8 Page - TEKTRONIX, INC

Back Button AFG31102 Datasheet HTML 4Page - TEKTRONIX, INC AFG31102 Datasheet HTML 5Page - TEKTRONIX, INC AFG31102 Datasheet HTML 6Page - TEKTRONIX, INC AFG31102 Datasheet HTML 7Page - TEKTRONIX, INC AFG31102 Datasheet HTML 8Page - TEKTRONIX, INC AFG31102 Datasheet HTML 9Page - TEKTRONIX, INC AFG31102 Datasheet HTML 10Page - TEKTRONIX, INC AFG31102 Datasheet HTML 11Page - TEKTRONIX, INC AFG31102 Datasheet HTML 12Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Frequency range
AFG31021, AFG31022,
AFG31051, AFG31052,
AFG31101, AFG31102
AFG31151, AFG31152,
AFG31251, AFG31252
> 100 MHz to 200 MHz
-----
±1.0 dB
> 200 MHz to 250 MHz
-----
±2.0 dB
Amplitude flatness (1 VP-P,
relative to 1`kHz), typical
AFG31021, AFG31022, AFG31051,
AFG31052, AFG31101, AFG31102,
AFG31151, AFG31152
AFG31251 / AFG31252
±0.1 dB
≤ 150 MHz: ±0.1 dB
> 150 MHz to 250 MHz: ±0.3 dB
Harmonic distortion (1 VP-P),
typical
Frequency range
AFG31021, AFG31022, AFG31051,
AFG31052, AFG31101, AFG31102
10 Hz to <20 kHz
< -77 dBc
≥20 kHz to <1 MHz
< -72 dBc
≥1 MHz to <5 MHz
< -65 dBc
≥5 MHz to ≤100 MHz
< -56 dBc
Frequency range
AFG31151, AFG31152, AFG31251,
AFG31252
10 Hz to < 1 MHz
< -72 dBc
≥ 1 MHz to < 5 MHz
< -74 dBc
≥ 5 MHz to < 25 MHz
< -69 dBc
≥ 25 MHz to ≤ 250 MHz
< -37 dBc
THD, typical
≤ 0.04%, 10 Hz to 20 kHz, 1 VP-P
Spurious noise (1 VP-P), typical Frequency range
AFG31021, AFG31022, AFG31051,
AFG31052, AFG31101, AFG31102
≥ 10 Hz to < 1 MHz
< -78 dBc
≥ 1 MHz to < 25 MHz
< -73 dBc
≥ 25 MHz to ≤ 100 MHz
< -78 dBc
Frequency range
AFG31151, AFG31152, AFG31251,
AFG31252
10 Hz to < 1 MHz
< -80 dBc
≥ 1 MHz to < 25 MHz
< -75 dBc
≥ 25 MHz to ≤ 250 MHz
< -75 dBc + 6 dBc/octave
AFG31000 Series Datasheet
www.tek.com 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com