Electronic Components Datasheet Search
  English  ▼

X  

AFG31102 Datasheet(PDF) 17 Page - TEKTRONIX, INC

Part # AFG31102
Description  Arbitrary Function Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

AFG31102 Datasheet(HTML) 17 Page - TEKTRONIX, INC

Back Button AFG31102 Datasheet HTML 13Page - TEKTRONIX, INC AFG31102 Datasheet HTML 14Page - TEKTRONIX, INC AFG31102 Datasheet HTML 15Page - TEKTRONIX, INC AFG31102 Datasheet HTML 16Page - TEKTRONIX, INC AFG31102 Datasheet HTML 17Page - TEKTRONIX, INC AFG31102 Datasheet HTML 18Page - TEKTRONIX, INC AFG31102 Datasheet HTML 19Page - TEKTRONIX, INC AFG31102 Datasheet HTML 20Page - TEKTRONIX, INC AFG31102 Datasheet HTML 21Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Auxiliary input characteristics
External modulation input, channel 1 and channel 2
Input range
Characteristic
AM, FM, PM, PWM
±1 V full range
FSK
3.3 V logic level
Input impedance
5.2 kΩ
Frequency range
125 kHz (1 MSa/s)
External Trigger input
Level
TTL compatible
Impedance
10 kΩ
Minimum pulse width
100 ns
Slope
Positive or negative selectable
Trigger delay range
0 ns to 85 s
Trigger delay resolution
100 ps or 5 digits
Trigger latency, typical
390 ns (trigger input to signal output, , 1.5 μs for Advanced mode)
Jitter (RMS), typical
100 ps (signal output, with external trigger input in burst mode)
10 MHz reference clock input
Impedance
1 kΩ
Input coupling
AC
Required input voltage swing
100 mVP-P to 5`VP-P
Lock range
10 MHz ±35 kHz
Channel 1 external add input
Impedance
50 Ω
Input range
-1 V to +1 V (DC + peak AC)
Bandwidth
DC to 10 MHz (-3 dB) at 1 VP-P
Auxiliary output characteristics
Channel 1 trigger output
Level
Positive TTL level pulse into 1 kΩ
Impedance
50 Ω
Jitter, RMS, typical
10 ps for all models
Output frequency
Characteristic
Waveform frequency < 4.9
MHz
Same as the waveform frequency
Waveform frequency ≥ 4.9
MHz < 50 MHz
A fraction of the waveform frequency
Table continued…
AFG31000 Series Datasheet
www.tek.com 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com