Electronic Components Datasheet Search
  English  ▼

X  

AFG31102 Datasheet(PDF) 7 Page - TEKTRONIX, INC

Part # AFG31102
Description  Arbitrary Function Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

AFG31102 Datasheet(HTML) 7 Page - TEKTRONIX, INC

Back Button AFG31102 Datasheet HTML 3Page - TEKTRONIX, INC AFG31102 Datasheet HTML 4Page - TEKTRONIX, INC AFG31102 Datasheet HTML 5Page - TEKTRONIX, INC AFG31102 Datasheet HTML 6Page - TEKTRONIX, INC AFG31102 Datasheet HTML 7Page - TEKTRONIX, INC AFG31102 Datasheet HTML 8Page - TEKTRONIX, INC AFG31102 Datasheet HTML 9Page - TEKTRONIX, INC AFG31102 Datasheet HTML 10Page - TEKTRONIX, INC AFG31102 Datasheet HTML 11Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AFG31021 /
AFG31022
AFG31051 /
AFG31052
AFG31101 /
AFG31102
AFG31151 /
AFG31152
AFG31251 /
AFG31252
Resolution
1 mV or 4 digits
Output impedance
50 Ω
Load impedance setting
Selectable: 50 Ω, 1 Ω to 10.0 kΩ, High Z (Adjusts displayed amplitude according to selected load impedance)
Isolation
42 Vpk maximum to earth ground
Short-circuit protection
Signal outputs are robust against permanent shorts against floating ground
Overcurrent protection
When incoming current is greater than 250 mA, the output channels are protected with relays that disconnect the AFG from
the device under test. Connection can be resumed by user after removing the incoming current
General characteristics - Basic mode
Basic (AFG)
Run modes
Continuous, Modulation, Sweep and Burst
Standard waveforms
Sine, Square, Pulse, Ramp, More (Noise, DC,Sin(x)/x, Gaussian, Lorentz, Exponential Rise, Exponential Decay, Haversine )
Arbitrary waveforms
Sampling clock: 250 MSa/s, 1 GSa/s or 2 GSa/s (model and waveform length apply) Vertical resolution: 14 bits
Waveform length: 2 to 131,072 points
Sine
Frequency range
AFG31021 /
AFG31022
AFG31051 /
AFG31052
AFG31101 /
AFG31102
AFG31151 /
AFG31152
AFG31251 /
AFG31252
Continuous mode
1 μHz to 25 MHz
1 μHz to 50 MHz
1 μHz to 100 MHz 1 μHz to 150 MHz 1 μHz to 250 MHz
Burst mode
1 μHz to 12.5 MHz 1 μHz to 25 MHz
1 μHz to 50 MHz
1 μHz to 75 MHz
1 μHz to 125 MHz
Effective maximum frequency
out
AFG31021 / AFG31022 AFG31051 / AFG31052 AFG31101 / AFG31102 AFG31151 / AFG31152 AFG31251 / AFG31252
25 MHz
50 MHz
100 MHz
150 MHz
250 MHz
Amplitude flatness (1 VP-P,
relative to 1`kHz)
Frequency range
AFG31021, AFG31022,
AFG31051, AFG31052,
AFG31101, AFG31102
AFG31151, AFG31152,
AFG31251, AFG31252
< 5 MHz
±0.2 dB
±0.2dB
≥ 5 MHz to 25 MHz
-----
±0.3 dB
≥ 5 MHz to 100 MHz
±0.3 dB
-----
> 25 MHz to 100 MHz
-----
±0.5 dB
Table continued…
AFG31000 Series Datasheet
www.tek.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com