Electronic Components Datasheet Search
  English  ▼

X  

AFG31102 Datasheet(PDF) 18 Page - TEKTRONIX, INC

Part # AFG31102
Description  Arbitrary Function Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

AFG31102 Datasheet(HTML) 18 Page - TEKTRONIX, INC

Back Button AFG31102 Datasheet HTML 14Page - TEKTRONIX, INC AFG31102 Datasheet HTML 15Page - TEKTRONIX, INC AFG31102 Datasheet HTML 16Page - TEKTRONIX, INC AFG31102 Datasheet HTML 17Page - TEKTRONIX, INC AFG31102 Datasheet HTML 18Page - TEKTRONIX, INC AFG31102 Datasheet HTML 19Page - TEKTRONIX, INC AFG31102 Datasheet HTML 20Page - TEKTRONIX, INC AFG31102 Datasheet HTML 21Page - TEKTRONIX, INC AFG31102 Datasheet HTML 22Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Characteristic
Waveform frequency ≥ 50
MHz
No output
10 MHz reference clock out
Impedance
50 Ω, AC coupled
Amplitude
1.2 VP-P into 50`Ω load
Impedance
50 Ω, AC coupled
Amplitude
1.2 VP-P into 50`Ω load
Physical characteristics
Dimensions
Height
191.8 mm (7.55 in.)
Width
412.8 mm (16.25 in.)
Depth
143.3 mm (5.64 in.)
Weight
Net
4.7 kg (10.4 lb.)
Shipping
7.0 kg (15.4 lb.)
EMC, environment, and safety
Temperature
Operating
0 °C to +50 °C (32 °F to 122 °F)
Nonoperating
-30 °C to +70 °C (-22 °F to 158 °F)
Humidity
Operating
≤ 80%, 0 °C to 40 °C (32 °F to104 °F)
≤ 60%, > 40°C to 50°C (104 °F to 122 °F), noncondensing
Nonoperating
5% to 90%, < 40 °C (< 104 °F), noncondensing
5% to 80%, ≥ 40 °C to 60 °C (≥ 104 °F to 140 °F), noncondensing
5% to 40%, > 60 °C to 70 °C (> 140 °F to 158 °F), noncondensing
Altitude
Operating
Up to 3,000 m (9,842 ft.)
Nonoperating
Up to 12,000 m (39,370 ft.)
AFG31000 Series Datasheet
www.tek.com 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com