Electronic Components Datasheet Search
  English  ▼

X  

AFG31102 Datasheet(PDF) 10 Page - TEKTRONIX, INC

Part # AFG31102
Description  Arbitrary Function Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

AFG31102 Datasheet(HTML) 10 Page - TEKTRONIX, INC

Back Button AFG31102 Datasheet HTML 6Page - TEKTRONIX, INC AFG31102 Datasheet HTML 7Page - TEKTRONIX, INC AFG31102 Datasheet HTML 8Page - TEKTRONIX, INC AFG31102 Datasheet HTML 9Page - TEKTRONIX, INC AFG31102 Datasheet HTML 10Page - TEKTRONIX, INC AFG31102 Datasheet HTML 11Page - TEKTRONIX, INC AFG31102 Datasheet HTML 12Page - TEKTRONIX, INC AFG31102 Datasheet HTML 13Page - TEKTRONIX, INC AFG31102 Datasheet HTML 14Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Edge transition time
AFG31021 / AFG31022 AFG31051 / AFG31052 AFG31101 / AFG31102 AFG31151 / AFG31152 AFG31251 / AFG31252
8 ns to 0.625 * Pulse
Period
6 ns to 0.625 * Pulse
Period
4 ns to 0.625 * Pulse
Period
3 ns to 0.625 * Pulse
Period
2 ns to 0.625 * Pulse
Period
Edge transition time resolution 10 ps or 4 digits
Lead delay range
Mode
Characteristic
Continuous
0 ps to Period
Burst
0 ps to Period – [ Pulse Width + 0.8 * (Leading Edge Time + Trailing Edge Time)]
Lead delay resolution
10 ps or 8 digits
Overshoot, typical
< 2%
Jitter (RMS), typical
2.5 ps
DC
Range (into 50 Ω)
AFG31021, AFG31022, AFG31051,
AFG31052, AFG31101, AFG31102
AFG31151, AFG31152, AFG31251,
AFG31252
-5 V to 5 V
-2.5 V to 2.5 V
Resolution (into 50 Ω)
1 mV or 4 digits
Accuracy
± (1% of |setting | +1mV)
Noise
Bandwidth (-3 dB)
AFG31021, AFG31022, AFG31051,
AFG31052, AFG31101, AFG31102
AFG31151, AFG31152, AFG31251,
AFG31252
150 MHz
360 MHz
Noise type
White Gaussian
Internal noise
Characteristic
Add
When activated, output signal amplitude is reduced to 50%
Level
0.0% to 50% of amplitude (VP-P) setting
Resolution
1%
Other waveforms
Frequency range
AFG31021 /
AFG31022
AFG31051 /
AFG31052
AFG31101 /
AFG31102
AFG31151 /
AFG31152
AFG31251 /
AFG31252
1 μHz to 500 kHz
1 μHz to 800 kHz
1 μHz to 1 MHz
1 μHz to 1.5 MHz
1 μHz to 2.5 MHz
AFG31000 Series Datasheet
www.tek.com 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com