Electronic Components Datasheet Search
  English  ▼

X  

AFG31102 Datasheet(PDF) 9 Page - TEKTRONIX, INC

Part # AFG31102
Description  Arbitrary Function Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

AFG31102 Datasheet(HTML) 9 Page - TEKTRONIX, INC

Back Button AFG31102 Datasheet HTML 5Page - TEKTRONIX, INC AFG31102 Datasheet HTML 6Page - TEKTRONIX, INC AFG31102 Datasheet HTML 7Page - TEKTRONIX, INC AFG31102 Datasheet HTML 8Page - TEKTRONIX, INC AFG31102 Datasheet HTML 9Page - TEKTRONIX, INC AFG31102 Datasheet HTML 10Page - TEKTRONIX, INC AFG31102 Datasheet HTML 11Page - TEKTRONIX, INC AFG31102 Datasheet HTML 12Page - TEKTRONIX, INC AFG31102 Datasheet HTML 13Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Phase noise, typical
< -125 dBc/Hz at 20 MHz, 10 kHz offset, 1 VP-P
Residual clock noise, all
models
-63 dBm
Square
Frequency range
AFG31021 / AFG31022 AFG31051 / AFG31052 AFG31101 / AFG31102 AFG31151 / AFG31152 AFG31251 / AFG31252
1 μHz to 20 MHz
1 μHz to 40 MHz
1 μHz to 80 MHz
1 μHz to 120 MHz
1 μHz to 160 MHz
Rise/fall time, typical
AFG31021 /
AFG31022
AFG31051 /
AFG31052
AFG31101 /
AFG31102
AFG31151 /
AFG31152
AFG31251 /
AFG31252
Amplitude ≤ 5 Vpp ≤ 7.0 ns
≤ 5.0 ns
≤ 3.5 ns
≤ 3.0 ns
≤ 2.0 ns
Amplitude > 5 Vpp ≤ 8.0 ns
≤6.0 ns
≤ 4.2 ns
-----
-----
Overshoot, typical
< 3%
Jitter (RMS), typical
2.5 ps
Ramp
Frequency range
AFG31021 / AFG31022 AFG31051 / AFG31052 AFG31101 / AFG31102 AFG31151 / AFG31152 AFG31251 / AFG31252
1 μHz to 500 kHz
1 μHz to 800 kHz
1 μHz to 1 MHz
1 μHz to 1.5 MHz
1 μHz to 2.5 MHz
Linearity, typical (1 kHz, 1 VP-P,
100% symmetry)
AFG31021 / AFG31022 AFG31051 / AFG31052 AFG31101 / AFG31102 AFG31151 / AFG31152 AFG31251 / AFG31252
≤ 0.1% of peak output
≤ 0.1% of peak output
≤ 0.15% of peak output ≤ 0.2% of peak output
≤ 0.2% of peak output
Symmetry
0% to 100%
Pulse
Frequency range
AFG31021 / AFG31022 AFG31051 / AFG31052 AFG31101 / AFG31102 AFG31151 / AFG31152 AFG31251 / AFG31252
1 mHz to 20 MHz
1 mHz to 40 MHz
1 mHz to 80 MHz
1 mHz to 120 MHz
1 mHz to 160 MHz
Pulse width
AFG31021 / AFG31022 AFG31051 / AFG31052 AFG31101 / AFG31102 AFG31151 / AFG31152 AFG31251 / AFG31252
16 ns to 999.99 s
10 ns to 999.99 s
6 ns to 999.99 s
4 ns to 999.99 s
3 ns to 999.99 s
Pulse width resolution
10 ps or 5 digits
Pulse Duty
0.001% to 99.999% (limitations of pulse width apply)
AFG31000 Series Datasheet
www.tek.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com