Electronic Components Datasheet Search
  English  ▼

X  

DRA752ABC Datasheet(PDF) 173 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 173 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 169Page - Texas Instruments DRA752ABC Datasheet HTML 170Page - Texas Instruments DRA752ABC Datasheet HTML 171Page - Texas Instruments DRA752ABC Datasheet HTML 172Page - Texas Instruments DRA752ABC Datasheet HTML 173Page - Texas Instruments DRA752ABC Datasheet HTML 174Page - Texas Instruments DRA752ABC Datasheet HTML 175Page - Texas Instruments DRA752ABC Datasheet HTML 176Page - Texas Instruments DRA752ABC Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 443 page
background image
173
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-13. IHHV1833 Buffers DC Electrical Characteristics (continued)
PARAMETER
MIN
NOM
MAX
UNIT
3.3-V Mode
VIH
Input high-level threshold
1.2
V
VIL
Input low-level threshold
0.4
V
VHYS
Input hysteresis voltage
40
mV
IIN
Input current at each I/O pin
5
8
µA
CPAD
Pad capacitance (including package capacitance)
1
pF
5.7.6
LVCMOS OSC Buffers DC Electrical Characteristics
Table 5-14 summarizes the DC electrical characteristics for LVCMOS OSC Buffers.
Table 5-14. LVCMOS OSC Buffers DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0: rtc_osc_xi_clkin32 / rtc_osc_xo;
Balls: AE14 / AD14;
1.8-V Mode
VIH
Input high-level threshold
0.65 *
VDDS
V
VIL
Input low-level threshold
0.35 *
VDDS
V
VHYS
Input hysteresis voltage
150
mV
CPAD
Pad capacitance (including package capacitance)
3
pF
(1) VDDS stands for corresponding power supply (that is vdda_rtc). For more information on the power supply name and the corresponding
ball, see Table 4-2, POWER [11] column.
5.7.7
ILVDS18 Buffers DC Electrical Characteristics
Table 5-15 summarizes the DC electrical characteristics for ILVDS18 Buffers.
Table 5-15. ILVDS18 Buffers DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0: mlbp_clk_n / mlbp_clk_p;
Balls: AB2 / AB1;
1.8-V Mode
VIN (DC) single ended
input voltage
Input voltage
0.5
VDDS-
VSWING
VIH/VIL (DC)
Input high-level threshold
VCM ±
50mV
V
VHYS
Input hysteresis voltage
NONE
mV
CPAD
Pad capacitance (including package capacitance)
4
pF
(1) VDDS stands for corresponding power supply (that is vdds_mlbp). For more information on the power supply name and the
corresponding ball, see Table 4-2, POWER [11] column.
5.7.8
BMLB18 Buffers DC Electrical Characteristics
Table 5-16 summarizes the DC electrical characteristics for BMLB18 Buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com