| Electronic Components Datasheet Search |
|
C8051F310 Datasheet(PDF) 55 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F310 Datasheet(HTML) 55 Page - Silicon Laboratories |
|
55 / 228 page ![]() Rev. 1.7 55 C8051F310/1/2/3/4/5/6/7 5.3.2. Tracking Modes According to Table 5.1, each ADC0 conversion must be preceded by a minimum tracking time for the con- verted result to be accurate. The AD0TM bit in register ADC0CN controls the ADC0 track-and-hold mode. In its default state, the ADC0 input is continuously tracked, except when a conversion is in progress. When the AD0TM bit is logic 1, ADC0 operates in low-power track-and-hold mode. In this mode, each conversion is preceded by a tracking period of 3 SAR clocks (after the start-of-conversion signal). When the CNVSTR signal is used to initiate conversions in low-power tracking mode, ADC0 tracks only when CNVSTR is low; conversion begins on the rising edge of CNVSTR (see Figure 5.4). Tracking can also be disabled (shut- down) when the device is in low power standby or sleep modes. Low-power track-and-hold mode is also useful when AMUX settings are frequently changed, due to the settling time requirements described in Section “5.3.3. Settling Time Requirements” on page 56. Figure 5.4. 10-Bit ADC Track and Conversion Example Timing Write '1' to AD0BUSY, Timer 0, Timer 2, Timer 1, Timer 3 Overflow (AD0CM[2:0]=000, 001,010 011, 101) AD0TM=1 Track Convert Low Power Mode AD0TM=0 Track or Convert Convert Track Low Power or Convert SAR Clocks 123 45 678 9 10 11 12 123 45 678 9 SAR Clocks B. ADC0 Timing for Internal Trigger Source 123 45 678 9 CNVSTR (AD0CM[2:0]=100) AD0TM=1 A. ADC0 Timing for External Trigger Source SAR Clocks Track or Convert Convert Track AD0TM=0 Track Convert Low Power Mode Low Power or Convert 10 11 13 14 10 11 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |