Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 70 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 70 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 66Page - Silicon Laboratories C8051F310 Datasheet HTML 67Page - Silicon Laboratories C8051F310 Datasheet HTML 68Page - Silicon Laboratories C8051F310 Datasheet HTML 69Page - Silicon Laboratories C8051F310 Datasheet HTML 70Page - Silicon Laboratories C8051F310 Datasheet HTML 71Page - Silicon Laboratories C8051F310 Datasheet HTML 72Page - Silicon Laboratories C8051F310 Datasheet HTML 73Page - Silicon Laboratories C8051F310 Datasheet HTML 74Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
70
Rev. 1.7
The Comparator output can be polled in software, used as an interrupt source, and/or routed to a Port pin.
When routed to a Port pin, the Comparator output is available asynchronous or synchronous to the system
clock; the asynchronous output is available even in STOP mode (with no system clock active). When dis-
abled, the Comparator output (if assigned to a Port I/O pin via the Crossbar) defaults to the logic low state,
and its supply current falls to less than 100 nA. See Section “13.1. Priority Crossbar Decoder” on
page 131 for details on configuring Comparator outputs via the digital Crossbar. Comparator inputs can be
externally driven from –0.25 V to (VDD) + 0.25 V without damage or upset. The complete Comparator elec-
trical specifications are given in Table 7.1.
The Comparator response time may be configured in software via the CPTnMD registers (see SFR Defini-
tion 7.3 and SFR Definition 7.6). Selecting a longer response time reduces the Comparator supply current.
See Table 7.1 for complete timing and current consumption specifications.
Figure 7.2. Comparator1 Functional Block Diagram
VDD
Reset
Decision
Tree
+
-
Crossbar
Interrupt
Logic
Q
Q
SET
CL R
D
Q
Q
SET
CL R
D
(SYNCHRONIZER)
GND
CP1 +
P1.2
P1.6
P2.2
P2.6
CP1 -
P1.3
P1.7
P2.3
P2.7
CP1EN
CP1OUT
CP1RIF
CP1FIF
CP1HYP1
CP1HYP0
CP1HYN1
CP1HYN0
CMX1N1
CMX1N0
CMX1P1
CMX1P0
CP1RIE
CP1FIE
CP1MD1
CP1MD0
CP1
CP1A
CP1
Rising-edge
CP1
Falling-edge
CP1
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com