Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 12 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 8Page - Silicon Laboratories C8051F310 Datasheet HTML 9Page - Silicon Laboratories C8051F310 Datasheet HTML 10Page - Silicon Laboratories C8051F310 Datasheet HTML 11Page - Silicon Laboratories C8051F310 Datasheet HTML 12Page - Silicon Laboratories C8051F310 Datasheet HTML 13Page - Silicon Laboratories C8051F310 Datasheet HTML 14Page - Silicon Laboratories C8051F310 Datasheet HTML 15Page - Silicon Laboratories C8051F310 Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
12
Rev. 1.7
15. UART0
Table 15.1. Timer Settings for Standard Baud Rates
Using the Internal Oscillator ............................................................... 170
Table 15.2. Timer Settings for Standard Baud Rates
Using an External 25 MHz Oscillator .................................................. 170
Table 15.3. Timer Settings for Standard Baud Rates
Using an External 22.1184 MHz Oscillator ......................................... 171
Table 15.4. Timer Settings for Standard Baud Rates
Using an External 18.432 MHz Oscillator ........................................... 171
Table 15.5. Timer Settings for Standard Baud Rates
Using an External 11.0592 MHz Oscillator ......................................... 172
Table 15.6. Timer Settings for Standard Baud Rates
Using an External 3.6864 MHz Oscillator ........................................... 172
16. Enhanced Serial Peripheral Interface (SPI0)
Table 16.1. SPI Slave Timing Parameters ............................................................ 185
17. Timers
18. Programmable Counter Array
Table 18.1. PCA Timebase Input Options ............................................................. 204
Table 18.2. PCA0CPM Register Settings for PCA Capture/Compare Modules .... 205
Table 18.3. Watchdog Timer Timeout Intervals ..................................................... 214
19. Revision Specific Behavior
20. C2 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com