Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 57 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 57 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 53Page - Silicon Laboratories C8051F310 Datasheet HTML 54Page - Silicon Laboratories C8051F310 Datasheet HTML 55Page - Silicon Laboratories C8051F310 Datasheet HTML 56Page - Silicon Laboratories C8051F310 Datasheet HTML 57Page - Silicon Laboratories C8051F310 Datasheet HTML 58Page - Silicon Laboratories C8051F310 Datasheet HTML 59Page - Silicon Laboratories C8051F310 Datasheet HTML 60Page - Silicon Laboratories C8051F310 Datasheet HTML 61Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 228 page
background image
Rev. 1.7
57
C8051F310/1/2/3/4/5/6/7
SFR Definition 5.1. AMX0P: AMUX0 Positive Channel Select
Bits7–5: UNUSED. Read = 000b; Write = don’t care.
Bits4–0: AMX0P4–0: AMUX0 Positive Input Selection
R
R
R
R/W
R/W
R/W
R/W
R/W
Reset Value
-
-
-
AMX0P4
AMX0P3
AMX0P2
AMX0P1
AMX0P0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xBB
AMX0P4–0
ADC0 Positive Input
00000
P1.0
00001
P1.1
00010
P1.2
00011
P1.3
00100
P1.4
00101
P1.5
00110
P1.6(1)
00111
P1.7(1)
01000
P2.0
01001
P2.1
01010
P2.2
01011
P2.3
01100
P2.4
01101
P2.5
01110
P2.6(1)
01111
P2.7(1)
10000
P3.0
10001(2)
P3.1(2)
10010(2)
P3.2(2)
10011(2)
P3.3(2)
10100(2)
P3.4(2)
10101–11101
RESERVED
11110
Temp Sensor
11111
VDD
Notes:
1.
Only applies to C8051F310/1/2/3/4/5; selection
RESERVED on C8051F316/7 devices.
2.
Only applies to C8051F310/2; selection RESERVED on
C8051F311/3/6/7 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com