Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 61 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 61 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 57Page - Silicon Laboratories C8051F310 Datasheet HTML 58Page - Silicon Laboratories C8051F310 Datasheet HTML 59Page - Silicon Laboratories C8051F310 Datasheet HTML 60Page - Silicon Laboratories C8051F310 Datasheet HTML 61Page - Silicon Laboratories C8051F310 Datasheet HTML 62Page - Silicon Laboratories C8051F310 Datasheet HTML 63Page - Silicon Laboratories C8051F310 Datasheet HTML 64Page - Silicon Laboratories C8051F310 Datasheet HTML 65Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 228 page
background image
Rev. 1.7
61
C8051F310/1/2/3/4/5/6/7
5.4.
Programmable Window Detector
The ADC Programmable Window Detector continuously compares the ADC0 output registers to user-pro-
grammed limits, and notifies the system when a desired condition is detected. This is especially effective in
an interrupt-driven system, saving code space and CPU bandwidth while delivering faster system
response times. The window detector interrupt flag (AD0WINT in register ADC0CN) can also be used in
polled mode. The ADC0 Greater-Than (ADC0GTH, ADC0GTL) and Less-Than (ADC0LTH, ADC0LTL) reg-
isters hold the comparison values. The window detector flag can be programmed to indicate when mea-
sured data is inside or outside of the user-programmed limits, depending on the contents of the ADC0
Less-Than and ADC0 Greater-Than registers.
SFR Definition 5.7. ADC0GTH: ADC0 Greater-Than Data High Byte
SFR Definition 5.8. ADC0GTL: ADC0 Greater-Than Data Low Byte
Bits7–0: High byte of ADC0 Greater-Than Data Word.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
11111111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xC4
Bits7–0: Low byte of ADC0 Greater-Than Data Word.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
11111111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com