Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 85 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 85 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 81Page - Silicon Laboratories C8051F310 Datasheet HTML 82Page - Silicon Laboratories C8051F310 Datasheet HTML 83Page - Silicon Laboratories C8051F310 Datasheet HTML 84Page - Silicon Laboratories C8051F310 Datasheet HTML 85Page - Silicon Laboratories C8051F310 Datasheet HTML 86Page - Silicon Laboratories C8051F310 Datasheet HTML 87Page - Silicon Laboratories C8051F310 Datasheet HTML 88Page - Silicon Laboratories C8051F310 Datasheet HTML 89Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 228 page
background image
Rev. 1.7
85
C8051F310/1/2/3/4/5/6/7
8.2.
Memory Organization
The memory organization of the CIP-51 System Controller is similar to that of a standard 8051. There are
two separate memory spaces: program memory and data memory. Program and data memory share the
same address space but are accessed via different instruction types. The CIP-51 memory organization is
shown in Figure 8.2.
Figure 8.2. Memory Map
8.2.1. Program Memory
The CIP-51 core has a 64k-byte program memory space. The C8051F310/1 and C8051F312/3/4/5 imple-
ment 16 and 8 kB, respectively, of this program memory space as in-system, re-programmable Flash
memory, organized in a contiguous block from addresses 0x0000 to 0x3FFF or 0x0000 to 0x1FFF.
Addresses above 0x3E00 are reserved on the 16 kB devices.
Program memory is normally assumed to be read-only. However, the CIP-51 can write to program memory
by setting the Program Store Write Enable bit (PSCTL.0) and using the MOVX instruction. This feature pro-
vides a mechanism for the CIP-51 to update program code and use the program memory space for non-
volatile data storage. Refer to Section “10. Flash Memory” on page 111 for further details.
PROGRAM/DATA MEMORY
(Flash)
(Direct and Indirect
Addressing)
0x00
0x7F
Upper 128 RAM
(Indirect Addressing
Only)
0x80
0xFF
Special Function
Register's
(Direct Addressing Only)
DATA MEMORY (RAM)
General Purpose
Registers
0x1F
0x20
0x2F
Bit Addressable
Lower 128 RAM
(Direct and Indirect
Addressing)
0x30
INTERNAL DATA ADDRESS SPACE
EXTERNAL DATA ADDRESS SPACE
XRAM - 1024 Bytes
(accessable using MOVX
instruction)
0x0000
0x03FF
Same 1024 bytes as from
0x0000 to 0x03FF, wrapped
on 1 kB boundaries
0x0400
0xFFFF
16 kB Flash
(In-System
Programmable in 512
Byte Sectors)
0x0000
RESERVED
0x3E00
0x3DFF
8 kB Flash
(In-System
Programmable in 512
Byte Sectors)
0x0000
RESERVED
0x2000
0x1FFF
C8051F310/1
C8051F312/3/4/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com