Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 36 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 36 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 32Page - Silicon Laboratories C8051F310 Datasheet HTML 33Page - Silicon Laboratories C8051F310 Datasheet HTML 34Page - Silicon Laboratories C8051F310 Datasheet HTML 35Page - Silicon Laboratories C8051F310 Datasheet HTML 36Page - Silicon Laboratories C8051F310 Datasheet HTML 37Page - Silicon Laboratories C8051F310 Datasheet HTML 38Page - Silicon Laboratories C8051F310 Datasheet HTML 39Page - Silicon Laboratories C8051F310 Datasheet HTML 40Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
36
Rev. 1.7
3.
Global DC Electrical Characteristics
Table 3.1. Global DC Electrical Characteristics
–40°C to +85°C, 25 MHz System Clock unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Digital Supply Voltage
VRST
1
3.0
3.6
V
Digital Supply RAM Data Retention
Voltage
—1.5
—
V
Specified Operating Temperature
Range
–40
—
+85
°C
SYSCLK (system clock frequency)
02
—25
MHz
Tsysl (SYSCLK low time)
18
—
—
ns
Tsysh (SYSCLK high time)
18
—
—
ns
Digital Supply Current—CPU Active (Normal Mode, fetching instructions from Flash)
IDD (Note 3)
VDD = 3.0 V, F = 25 MHz
—
7.8
8.6
mA
VDD = 3.0 V, F = 1 MHz
—
0.38
—
mA
VDD = 3.0 V, F = 80 kHz
—
31
—
µA
VDD = 3.6 V, F = 25 MHz
—
10.7
12.1
mA
IDD Supply Sensitivity (Note 3,
Note 4)
F = 25 MHz
—
67
—
%/V
F = 1 MHz
—
62
—
%/V
IDD Frequency Sensitivity (Note 3,
Note 5)
VDD = 3.0 V, F < 15 MHz, T = 25 ºC
—
0.39
—
mA/MHz
VDD = 3.0 V, F > 15 MHz, T = 25 ºC
—
0.21
—
mA/MHz
VDD = 3.6 V, F < 15 MHz, T = 25 ºC
—
0.55
—
mA/MHz
VDD = 3.6 V, F > 15 MHz, T = 25 ºC
—
0.27
—
mA/MHz
Notes:
1.
Given in Table 9.1 on page 110.
2.
SYSCLK must be at least 32 kHz to enable debugging.
3.
Based on device characterization data, not production tested.
4.
Active and Inactive IDD at voltages and frequencies other than those specified can be calculated
using the IDD Supply Sensitivity. For example, if the VDD is 3.3 V instead of 3.0 V at 25 MHz: IDD =
7.8 mA typical at 3.0 V and f = 25 MHz. From this, IDD = 7.8 mA + 0.67 x (3.3 V – 3.0 V) = 8 mA at
3.3 V and f = 25 MHz.
5.
IDD can be estimated for frequencies < 15 MHz by multiplying the frequency of interest by the fre-
quency sensitivity number for that range. When using these numbers to estimate IDD for > 15 MHz,
the estimate should be the current at 25 MHz minus the difference in current indicated by the fre-
quency sensitivity number. For example:
VDD = 3.0 V; F = 20 MHz, IDD = 7.8 mA – (25 MHz – 20 MHz) x 0.21 mA/MHz = 6.75 mA.
6.
Idle IDD can be estimated for frequencies < 1 MHz by multiplying the frequency of interest by the
frequency sensitivity number for that range. When using these numbers to estimate Idle IDD for > 1
MHz, the estimate should be the current at 25 MHz minus the difference in current indicated by the
frequency sensitivity number. For example:
VDD = 3.0 V; F = 5 MHz, Idle IDD = 4.8 mA – (25 MHz – 5 MHz) x 0.15 mA/MHz = 1.8 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com