Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 224 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 224 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 220Page - Silicon Laboratories C8051F310 Datasheet HTML 221Page - Silicon Laboratories C8051F310 Datasheet HTML 222Page - Silicon Laboratories C8051F310 Datasheet HTML 223Page - Silicon Laboratories C8051F310 Datasheet HTML 224Page - Silicon Laboratories C8051F310 Datasheet HTML 225Page - Silicon Laboratories C8051F310 Datasheet HTML 226Page - Silicon Laboratories C8051F310 Datasheet HTML 227Page - Silicon Laboratories C8051F310 Datasheet HTML 228Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 224 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
224
Rev. 1.7
C2 Register Definition 20.3. REVID: C2 Revision ID
C2 Register Definition 20.4. FPCTL: C2 Flash Programming Control
C2 Register Definition 20.5. FPDAT: C2 Flash Programming Data
This read-only register returns the 8-bit revision ID.
Reset Value
Variable
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bits7–0
FPCTL: Flash Programming Control Register.
This register is used to enable Flash programming via the C2 interface. To enable C2 Flash
programming, the following codes must be written in order: 0x02, 0x01. Note that once C2
Flash programming is enabled, a system reset must be issued to resume normal operation.
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bits7–0: FPDAT: C2 Flash Programming Data Register.
This register is used to pass Flash commands, addresses, and data during C2 Flash
accesses. Valid commands are listed below.
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Code
Command
0x06
Flash Block Read
0x07
Flash Block Write
0x08
Flash Page Erase
0x03
Device Erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com