Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 144 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 144 Page - ABB

Back Button OPS2EN1 Datasheet HTML 140Page - ABB OPS2EN1 Datasheet HTML 141Page - ABB OPS2EN1 Datasheet HTML 142Page - ABB OPS2EN1 Datasheet HTML 143Page - ABB OPS2EN1 Datasheet HTML 144Page - ABB OPS2EN1 Datasheet HTML 145Page - ABB OPS2EN1 Datasheet HTML 146Page - ABB OPS2EN1 Datasheet HTML 147Page - ABB OPS2EN1 Datasheet HTML 148Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 192 page
background image
—
Mechanism interlock kits and electrical interlocks
OT160EV… 4000 switch-disconnectors can be interlocked in the OFF-position
using padlocks or a mechanical interlock kit mounted on the mechanism.
The diameter of the lock bail can be max 8 mm.
Suitable for switches
Type
Order code
Weight/
unit
kg
Interlocking in the OFF-position
OT200U, OT160EV…250
OTZT1A
1SCA106522R1001
0.21
OT400U, OT315…400E
OTZT2A
1SCA106523R1001
0.57
OT600U, OT630…800E
OTZT3A
1SCA106525R1001
0.75
OT800U, OT1200U, OT1000…4000
OTZT4A
1SCA106526R1001
1.15
Interlocking in the OFF- and ON-positions
OT200U, OT160EV…250
OTZT1L
1SCA106527R1001
0.21
OT400U, OT315…400E
OTZT2L
1SCA106529R1001
0.57
OT600U, OT630…800E
OTZT3L
1SCA106530R1001
0.75
OT800U, OT1200U, OT1000…4000
OTZT4L
1SCA106531R1001
1.15
—
Mechanical interlock between OT earthing switch and
OT1000…2500 switch-disconnector or E-max / T7 breaker
The operation of both the earthing switch and the switch-disconnector / breaker into
ON-position at the same time is mechanically prevented by using two cables between
the earthing switch and main switch or breaker. Cable length 1370 mm.
Suitable for switches
Description
Type
Order code
Weight/
unit
kg
Mechanical interlock kit for earthing switches type _EM
OT1000…2500EM
OTZL4
1SCA116554R1001
0.5
Wire rope
OT1000…2500EM,
E-max/T7
Including 2 pcs
1370 mm wire rope
-
1SDA062127R1
0.2
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for mechanical interlocks
OTZL4
Electrical and mechanical interlock OTZT_
D
A
C
B
E
TYPE
OTZT1_
OTZT2_
OTZT3_
OTZT4_
A ( mm ) B ( mm ) C ( mm ) D ( mm )
69
81
86
88
82
102
110
110
122
152
201
258
35
52
65
84
OTZT1_ OTZT2_ OTZT3_ OTZT4_
mm
mm
mm
mm
A
69
81
86
88
B
82
102
110
110
C
122
152
201
258
D
35
52
65
84
E
73
91
98
95
M00350/OTZT1-4_ A
OTZT1A
OTZT2A
OTZT3A
OT_EM_
+ OTZL4
OT switch +
OTZL4 or
Emax, T7
144
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
144
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com