Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 145 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 145 Page - ABB

Back Button OPS2EN1 Datasheet HTML 141Page - ABB OPS2EN1 Datasheet HTML 142Page - ABB OPS2EN1 Datasheet HTML 143Page - ABB OPS2EN1 Datasheet HTML 144Page - ABB OPS2EN1 Datasheet HTML 145Page - ABB OPS2EN1 Datasheet HTML 146Page - ABB OPS2EN1 Datasheet HTML 147Page - ABB OPS2EN1 Datasheet HTML 148Page - ABB OPS2EN1 Datasheet HTML 149Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 192 page
background image
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for electrical interlocks
—
Electrical interlock kit
Suitable for switches
Description
Type
Order code
Weight/
unit
kg
OT1000...2500E
Locking in OFF-position
OTZM4A
1SCA118510R1001
0.85
Locking in OFF- and
-position
OTZM4L
1SCA118511R1001
0.85
—
Coils for OTZT_ and OTZM_ electrical interlocks
By installing a coil inside the housing of the interlock kit the switch can be interlocked elec-
trically in the OFF-position or both in the OFF- and ON-positions. The electrical interlock
works using the “closed circuit principle”, meaning that when the control voltage is not con-
nected to the coil, the switches provided with A-type interlocks cannot be turned to the
ON-position and switches with L-type interlocks cannot be turned to the ON- or OFF- posi-
tions.
Suitable for switches
Type
Order code
Weight/
unit
kg
AC coils
110 V AC, 50 Hz
PDAL2/110AC50Hz 1SCA106543R1001
0.15
110 V AC, 60 Hz
PDAL2/110AC60Hz 1SCA107100R1001
0.15
120 V AC, 60 Hz
PDAL2/120AC60Hz 1SCA111353R1001
0.15
208 V AC, 60 Hz
PDAL2/208AC60Hz 1SCA107101R1001
0.15
230 V AC, 50 Hz
PDAL2/230AC50Hz 1SCA107102R1001
0.15
240 V AC, 60 Hz
PDAL2/240AC60Hz 1SCA111356R1001
0.15
DC coils
24 V DC
PDAL2/24DC
1SCA106542R1001
0.15
48 V DC
PDAL2/48DC
1SCA107103R1001
0.15
110 V DC
PDAL2/110DC
1SCA107105R1001
0.15
125 V DC
PDAL2/125DC
1SCA111338R1001
0.15
220 V DC
PDAL2/220DC
1SCA112503R1001
0.15
Technical data for the coil
Operating voltage
U = 0.8...1.1 x Un
Operating ambient temperature
-40 °C...+65 °C
Power consumption
with AC 6.5 W
with DC 9 VA
PDAL2
OTZM4A
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
145
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com