Electronic Components Datasheet Search
  English  ▼

X  

AM7000 Datasheet(PDF) 9 Page - TOKYO KEISO CO.,LTD.

Part # AM7000
Description  METAL TUBE VARIABLE AREA FLOWMETER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM7000 Datasheet(HTML) 9 Page - TOKYO KEISO CO.,LTD.

Back Button AM7000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 13Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AM7000 Series METAL TUBE VARIABLE AREA FLOWMETER
TG-F2026-E21
TOKYO KEISO CO., LTD.
9
AM7
□□□/N□ (LOCAL INDICATOR WITH PROXIMITY SWITCH TYPE ALARM)
With local flow rate indication, AM7
□□□/N□ has a proximity switch which outputs alarm signals complying with NAMUR standard.
In addition to the dust tight and water immersion proof type, the intrinsically safe (dust explosion-proof) version is available.
●
SPECIFICATION OF TRANSMITTER
Alarm point
: 2 points (1 point high alarm, 1 point low alarm or 2 points high and low alarm)
Switch
: Proximity switch
Power supply voltage : 8V DC
Operating current
: Proximity switch complying with NAMUR, ON :1mA or less, OFF : 3mA or more
Setting accuracy
:
±1.5% F.S. (Against flow calibration)
Reset span
: Less than 1.5% F.S. (Against flow calibration)
Cable entry
: G1/2 or NPT1/2 or others
Enclosure
: Dust tight and water immersion proof IP67
: Intrinsically safe
Ex ia IIC T1...T6
(dust explosion-proof)
(The temperature class of TIIS certified products is T5. See Page 12 for details.)
II 2 D Ex ia IIIC T135°C Db (For ATEX certified products)
Ambient temp.
: Dust tight and water immersion proof –25 to 80°C
: Intrinsically safe
–20 to 60°C
TIIS certified transmitter
–20 to 50°C
Other certified transmitters
(Ambient temperatures above are subject to the safety barrier.)
Insulation resistance : 100 M
Ω or more/500V DC (between batch of power supply terminal and indicator case)
Withstand voltage
: 500V DC/1min (between batch of power supply terminal and indicator case)
●
DIMENSION OF INDICATOR / TRANSMITTER
82
61.5
291.5
36.5
11
Cable entry
(47)
230
Approx. mass: 2.8kg
●
TERMINAL AND WIRING
1
4
2
5
+
+
–
–
3
6
1
2
3
4
5
6
High
alarm
Low
alarm
Terminal No.
High alarm
Terminal No.
Low alarm
Note : Terminal No.4 and 5 are not used for 1 point
high alarm. Likewise, terminal No. 1 and 2 are
not used for 1 point low alarm.
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com