Electronic Components Datasheet Search
  English  ▼

X  

AM7000 Datasheet(PDF) 19 Page - TOKYO KEISO CO.,LTD.

Part # AM7000
Description  METAL TUBE VARIABLE AREA FLOWMETER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM7000 Datasheet(HTML) 19 Page - TOKYO KEISO CO.,LTD.

Back Button AM7000 Datasheet HTML 15Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 16Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 17Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 18Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 19Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 20Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 21Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 22Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 23Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AM7000 Series METAL TUBE VARIABLE AREA FLOWMETER
TG-F2026-E21
TOKYO KEISO CO., LTD.
19
●
AM71
□□/JS, AM71□□/JF
(Flow direction : Bottom—Top, with jacket)
For liquid
Meter size
0.1~0.7
1.5
3.8
7.15
15.1
26.5
39.5
67.5
110
150
6.5
6.0
7.3
9.0
6.3
7.8
9.1
12.0
14.0
18.0
350
400
400
400
450
500
500
500
500
500
98
98
101
108
118
125
131
150
163
176
6
6
7
10
12
16
18
25
38
60
350
400
400
400
450
500
500
500
̶
̶
98
98
101
108
118
125
131
150
̶
̶
6
7
8
11
14
21
23
33
̶
̶
15
20
25
40
50
65
80
100
125
150
L
(mm)
(B)
(mm)
Mass
(approx.)
L
(mm)
(B)
(mm)
Mass
(approx.)
Q water
(m3/h)
Pressure
loss
(kPa)
10K. Class 150
20K. Class 300
Table
27
*1
*1 Float rod comes out by 70mm during operation in meter sizes 20mm ~ 150mm.
The straight length of downstream pipe with the same size as the flowmeter must be more than 70 mm
for a free movement of the float rod.
6
3
5
1
2
4
6
3
5
1
2
4
(B)
7
(B)
7
No
1
2
3
4
5
6
7
Tapered tube
Float ass'y
Body
Jacket pipe
Flange
Float guide
Indicator
Description
Class 1
SUS304
SUS304
SUS304
SUS304
SS400
SUS304
ADC12
Class 2
SUS304
SUS304
SUS304
SUS304
SUS304
SUS304
ADC12
Class 3
SUS316
SUS316
SUS316
SUS304
SUS316
SUS316
ADC12
Class 4
SUS316L
SUS316L
SUS316L
SUS304
SUS316L
SUS316L
ADC12
Table
28
●
AM71
□□/JS/SL, AM71□□/JF/SL
(Flow direction : Bottom—Top, with jacket)
For liquid and slurry
Meter size
0.1~0.7
1.5
3.6
6.8
13.5
26.5
37.5
65
100
140
6.5
6.0
7.3
9.0
6.3
7.8
9.1
12.0
14.0
18.0
350
400
400
400
450
500
500
500
500
500
98
98
101
108
118
125
131
150
163
176
6
6
7
10
12
16
18
25
38
60
350
400
400
400
450
500
500
500
—
—
98
98
101
108
118
125
131
150
—
—
6
7
8
11
14
21
23
33
—
—
15
20
25
40
50
65
80
100
125
150
L
(mm)
(B)
(mm)
Mass
(approx.)
L
(mm)
(B)
(mm)
Mass
(approx.)
Q water
(m3/h)
Pressure
loss
(kPa)
10K. Class 150
20K. Class 300
Table
29
*1
*1 Float rod comes out by 70mm during operation in meter sizes 20mm ~ 150mm.
The straight length of downstream pipe with the same size as the owmeter must be more than 70 mm
for a free movement of the oat rod.
6
3
5
1
2
4
6
3
5
1
2
4
(B)
7
(B)
7
No
1
2
3
4
5
6
7
Tapered tube
Float ass'y
Body
Jacket pipe
Flange
Float guide
Indicator
Description
Class 1
SUS304
SUS304
SUS304
SUS304
SS400
SUS304
ADC12
Class 2
SUS304
SUS304
SUS304
SUS304
SUS304
SUS304
ADC12
Class 3
SUS316
SUS316
SUS316
SUS304
SUS316
SUS316
ADC12
Class 4
SUS316L
SUS316L
SUS316L
SUS304
SUS316L
SUS316L
ADC12
Table
30
0.1~0.7
1.6
3.5
6.5
13
25
35
60
90
155
3.1~18
50
100
200
400
750
1100
1800
2800
4800
Q water
(m3/h)
Q air
[m3/h(nor)]
Meter size
12.0
14.8
21.0
15.5
19.0
22.1
21.0
24.0
26.0
31.5
440
470
480
510
540
570
610
650
670
720
200
200
210
200
270
280
290
300
320
340
15
15
19
24
30
42
50
70
105
125
15
20
25
40
50
65
80
100
125
150
(H1)
(mm)
(H2)
(mm)
160
160
180
240
260
340
360
360
440
440
L
(mm)
Mass
(approx.)
440
500
500
520
550
580
620
660
—
—
210
210
230
240
290
320
330
340
—
—
17
17
22
28
36
52
62
90
—
—
(H1)
(mm)
(H2)
(mm)
160
160
180
240
260
340
360
360
—
—
L
(mm)
Mass
(approx.)
Pressure
loss
(kPa)
10K, Class 150
20K, Class 300
Table
25
"H1" dimension will be extended by 130mm if a cooling n is provided.
No
1
2
3
4
5
6
7
8
9
10
Description
Tapered tube
Float ass'y
Body
Flange
Upper ange
Lead pipe
Indicator
Bolts & nuts
Gasket
Damper
Class 1
SUS304
SUS304
SGP
SS400
SS400
SUS304
ADC12
SS400
Non-asbestos
/PTFE
SUS304
Class 2
SUS304
SUS304
SUS304
SUS304
SS400
SUS304
ADC12
SS400
Non-asbestos
/PTFE
SUS304
Class 3
SUS316
SUS316
SUS316
SUS316
SS400
SUS316
ADC12
SS400
Non-asbestos
/PTFE
SUS316
Class 4
SUS316L
SUS316L
SUS316L
SUS316L
SS400
SUS316L
ADC12
SS400
Non-asbestos
/PTFE
SUS316L
STPG370 for Medium press. 300 lbs
(20K) class.
Other special metallic material
available on request.
Table
26
●
AM76
□□/DL, AM77□□/DL
(Flow direction : Left—Right, Right—Left,
with liquid damper)
For gas and steam
8
6
4
2
1
3
9
5
L
10
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com