Electronic Components Datasheet Search
  English  ▼

X  

AM7000 Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # AM7000
Description  METAL TUBE VARIABLE AREA FLOWMETER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM7000 Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  AM7000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
AM7000 Series METAL TUBE VARIABLE AREA FLOWMETER
TG-F2026-E21
TOKYO KEISO CO., LTD.
3
STANDARD SPECIFICATION
●
PRESSURE RATING
150lbs (10K) class, 300lbs (20K) class
On request Consult factory for higher pressure.
✽
Only 150lbs (10K) class is available for full jacketed flow meters (AM7
□□□/JF) and lining material flow meters.
●
MATERIAL
Carbon steel, SUS304, SUS316, SUS316L,
Rubber lining, Fluorocarbon resin lining, PVC lining and Glass lining
On request Other metallic material
General purpose
150lbs (10K) class
Medium purpose 300lbs (20K) class
Fluid Temp. (°C)
Max. uid press. (MPa)
up to 120
1.4
up to 220
1.2
up to 300
1.0
up to 120
3.4
up to 220
3.1
up to 300
2.9
up to 350
2.6
up to 400
2.3
Lining
type
Refer to
Page 4
1.0
●
FLUID PRESSURE
Consult factory for the specifications of higher pressure model.
General purpose
Medium purpose
Higher purpose
JIS 10K FF
JIS 20K RF
Consult factory
ANSI, JPI, DIN
Other type are available
●
CONNECTION Flange connection [On request Screw connection (Consult factory)]
Only RF (Raised faced) flange is available for glass, PVC and fluorocarbon resin lined flow meters.
Only FF (Flat faced) flange is available for rubber lined flow meters.
●
METER SIZE
15 to 150 (Please refer to M Series for more than 200)
Local indication
Local indication
Electric transmitter
Local indication
Electric transmitter
HART communication
Local indication
Electric transmitter
Local integration
Pulse output
Alarm output
Local indication
Alarm output
AM7
/E
AM7
/H
AM7
/T
AM7
/R , /N , /M
AM7
●
FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com