Electronic Components Datasheet Search
  English  ▼

X  

AM7000 Datasheet(PDF) 24 Page - TOKYO KEISO CO.,LTD.

Part # AM7000
Description  METAL TUBE VARIABLE AREA FLOWMETER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM7000 Datasheet(HTML) 24 Page - TOKYO KEISO CO.,LTD.

Back Button AM7000 Datasheet HTML 19Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 20Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 21Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 22Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 23Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 24Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 25Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 26Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 27Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
AM7000 Series METAL TUBE VARIABLE AREA FLOWMETER
TG-F2026-E21
24
TOKYO KEISO CO., LTD.
b. Viscosity limit
In case the Viscosity of fluid is more than 1mPa·s, confirm the suitability shown in the fiigure below. Trace viscosity and flow rate and
confirm the crossing point is below the curve. If the crossing point is above the curve, consult factory for detailed calculation by com
puter.
●
Viscosity curve
Flow rate [L/h]
Viscosity
[mPa·s]
c. Slurry application
Consult factory if contaminations, sand, dirt and other solid particles are expected in fluid. AM7
□□□/SL series slurry flowmeter is avail-
able.
2. Gas application
Generally, flowmeters with damper (Model AM71
□□/DU, AM72□□/DU, AM73□□/DU, AM73□□DL, AM76□□/DL, AM77□□/DL) are rec-
ommended for gas application to prevent float vibration.
Selection of meter size
Maximum possible flow rate for each meter size is shown in dimension tables of AM71
□□/DU, AM72□□/DU, AM73□□/DU, AM73□□/
DL, AM76
□□/DL, and AM77□□/DL flowmeters.
If actual fluid condition is different from such figures, a conversion calculation is to be performed by the following formula:
QA = Q
×0.0169×
× (273+t) / (0.1013+p)
QA : Converted ow rate in air 0°C, 1atm [m3/h(nor)]
: Density of gas to be measured [kg/m3(nor)]
p : Pressure of gas to be measured (MPa)
t : Operating temperature (°C)
Example Gas to be measured
: Nitrogen (N2)
Specic weight (
ρ ) : 1.251kgf/m3(nor)
Operating pressure ( p ) : 0.6MPa
Operating temperature ( t ) : 20°C
Flowmeter to be used : AM73
/DU
QA = 300
×0.0169× 1.251× (273+20) / (0.1013+0.6)
= 300
×0.0169×22.86
= 115.9 [m3/h (nor)]
ρ
ρ
SELECTION OF FLOWMETER
1. Liquid application
a. Selection of meter size
Maximum possible flow rate each meter size is shown in dimension tables from Page 15 to 22. These figures are based on water flow (Den-
sity 1.0g/cm3 and Viscosity 1.0MPa·s). If actual fluid condition is different from such figures, a conversion calculation is required as follow-
ing formula:
Qw = Q
×2.59 / (7.7/ ) -1
Qw : Water converted ow rate (m3/h)
Q : Flow rate of actual uid (m3/h)
: Density of actual uid (g/cm3)
Example Fluid: Alcohol
Density: 0.8g/cm3
Flow rate: 50m3/h
Flowmeter to be used: AM71
ρ
ρ
Qw = 50
×2.59 / (7.7/0.8) -1
= 50
×0.882
= 44.1(m3/h)
Referring to table 1 on Page 15, the required meter size is 100. For possible connection flange sizes, refer to Table 45.
Referring to table 15 on Page 17, the suitable meter size is 25. For possible connection flange sizes, refer to Table 45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com