Electronic Components Datasheet Search
  English  ▼

X  

AM7000 Datasheet(PDF) 22 Page - TOKYO KEISO CO.,LTD.

Part # AM7000
Description  METAL TUBE VARIABLE AREA FLOWMETER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM7000 Datasheet(HTML) 22 Page - TOKYO KEISO CO.,LTD.

Back Button AM7000 Datasheet HTML 18Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 19Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 20Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 21Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 22Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 23Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 24Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 25Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 26Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
AM7000 Series METAL TUBE VARIABLE AREA FLOWMETER
TG-F2026-E21
22
TOKYO KEISO CO., LTD.
●
AM72
□□ (Flow direction : Bottom—Top side)
For liquid
[GLASS LINED MATERIAL]
●
AM71
□□ (Flow direction : Bottom—Top)
For liquid
5
(B)
4
8
7
2
1
9
6
3
A
8
7
9
3
6
2
1
5
4
10
Meter size
Not available
Not available
Not available
Not available
0.1~0.4
0.8
1.3
1.7
3.2
6.5
17
35
1
2
1
2
6.0
8.0
6.0
6.0
6.0
6.0
9.0
9.0
18
26
25
35
33
40
55
70
15
20
25
40
50
65
80
100
125
150
20
25
20
25
40
20
25
40
25
40
50
40
50
50
80
80
100
100
150
570
552
768
710
806
781
688
840
875
803
867
750
903
790
943
835
987
870
1024
L
Conn
size
97
97
97
104
104
110
125
137
(B)
Mass
(approx.)
Q water
(m3/h)
F.C.R. Float
Pressure
loss (kPa)
0.1~0.6
1.0
1.6
2.5
4.5
8
20
45
10.0
10.0
8.0
8.0
8.0
8.0
10.5
11.5
Q water
(m3/h)
UNS10276 Float
Pressure
loss (kPa)
Table
43
Size (mm)
JIS10K
No
1
2
3
4
5
6
7
8
9
Tapered tube
Float ass'y
Upper body
Lower body
Float receiver
Float guide
Bolts & nuts
Gasket
Indicator
Description
Class 1
Glass lined
F.C.R.
Glass lined
Glass lined
PVDF
PVDF
SS400
PTFE
ADC12
Class 2
Glass lined
UNS10276
Glass lined
Glass lined
UNS10276
UNS10276
SS400
PTFE
ADC12
Table
44
Float rod material is ETFE lined SUS304 for meter size 15, 20, 25 and 40mm.
F.C.R. means
Fluorocarbon
Resin.
Meter size
Not available
Not available
Not available
Not available
Not available
0.3~0.79
1.3
2.1
2.8
7.8
15
34
8.0
6.0
7.0
6.0
7.0
9.0
9.0
78
190
95
95
203
102
126
143
173
15
20
25
40
50
65
80
100
125
150
20
25
40
20
25
40
25
40
50
25
40
50
40
50
80
50
80
100
80
100
150
740
850
760
780
890
800
830
920
820
840
920
820
900
980
910
980
1050
980
1210
1280
1220
(H)
Conn
size
362
470
380
378
486
398
422
512
418
418
508
414
450
544
474
526
596
526
580
650
590
L
A
27
30
33
37
47
60
82
Mass
(approx.)
Q water
(m3/h)
F.C.R. Float
Pressure
loss (kPa)
0.4~1.0
1.6
2.7
3.6
10
19
44
10.0
8.0
9.0
8.0
8.5
10.5
11.5
Q water
(m3/h)
UNS10276 Float
Pressure
loss (kPa)
1
2
1
2
Table
45
Size (mm)
JIS10K
No
1
2
3
4
5
6
7
8
9
10
Tapered tube
Float ass'y
Upper body
Lower body
Float buide
Upper ange
Lead pipe
Indicator
Bolts & nuts
Gasket
Description
Class 1
Glass lined
F.C.R.
Glass lined
Glass lined
PVDF
SS400
ADC12
SS400
PTFE
Class 2
Glass lined
UNS10276
Glass lined
Glass lined
UNS10276
SS400
ADC12
SS400
PTFE
Table
46
Float rod material is ETFE lined SUS304 for meter size 15, 20 and 25mm.
F.C.R. means
Fluorocarbon
Resin.
PFA tubed SUS304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com