Electronic Components Datasheet Search
  English  ▼

X  

AM7000 Datasheet(PDF) 13 Page - TOKYO KEISO CO.,LTD.

Part # AM7000
Description  METAL TUBE VARIABLE AREA FLOWMETER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM7000 Datasheet(HTML) 13 Page - TOKYO KEISO CO.,LTD.

Back Button AM7000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 13Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 14Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 15Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 16Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 17Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AM7000 Series METAL TUBE VARIABLE AREA FLOWMETER
TG-F2026-E21
TOKYO KEISO CO., LTD.
13
ADDITIONAL FUNCTION
●
Cooling fin
(Model AM7
□□□/FB)
A cooling fin is to be provided between tube part and indicator hous-
ing to release fluid heat in case fluid temperature is more than 150°C.
Cooling fin is available for models AM72
□□ (Bottom-Top side),
AM73
□□ (Bottom side-Top side), AM76□□ (Left- Right) and
AM77
□□ (Right-Left).
●
Jacket
(Model AM7
□□□/JS, Semi-jacket, AM7□□□/JF, Full-jacket)
Heating jacket is available for the application of high viscosity and/or
sticky fluids. Semi-jacket covers tube part only and full-jacket covers
flanges as well. Steam inlet/outlet is screw connection (Rc or NPT).
Heating jacket is available for AM71
□□ (Bottom-Top) and AM72□□
(Bottom-Top side). Only 150 lbs rating is available for full-jacketed
flowmeters (AM
□□□/JF).
●
Liquid damper
(Model AM7
□□□/DL)
A damper is to be provided for steam and gas applications to prevent
vibration of float. A damper pot is provided at the bottom of tube part
in which damper liquid (silicon or diflon oil) is contained. The friction
between damper liquid and damper makes the float movement
smooth for stable indication and durability of moving part. Damper is
also recommended for liquid application with heavy pulsation.
Available types are AM73
□□ (Bottom side-Top side), AM76□□ (Left-
Right) and AM77
□□ (Right-Left).
●
Gas damper
(Model AM7
□□□/DU)
Gas damper is available for gas measurement application which does
not require damper liquids. (Gas dampers are available for metallic
flowmeters only.)
Mechanical damper is integrated at the part of float guide which con-
sists of piston and cylinder. As it is not required to install liquid damp-
er at the bottom of flowmeters, it contributes to increase the flexibility
of piping design. Also it is not required to fill damper liquid that saves
maintenance labour works.
Gas damper is applicable for gas measurement applications and not
suitable for liquids and steam. Also chlorine gas (easy to form chemi-
cal compound) and gas containing rust, trash and oil may hinder the
function of piston part. Consult factory for details. Available size is
20mm to 100mm (Not available for 15mm) and only for metallic mate-
rial (Not for lined material).
Flow
Float guide
Body
Fin
Indicator
2-Rc1/4
Lead pipe jackets
Lead pipe
Jackets pipe
Body
2-Rc1/4
2-Rc1/4
Lead pipe jackets
Lead pipe
Jackets pipe
Body
2-Rc3/8
Semi-jacket
Full-jacket
Flow
Damper pot
Damper
Damper liquid
Float rod
Cylinder
Piston
Float rod
Tapered tube
Float



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com