Electronic Components Datasheet Search
  English  ▼

X  

AM7000 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # AM7000
Description  METAL TUBE VARIABLE AREA FLOWMETER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM7000 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  AM7000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
AM7000 Series METAL TUBE VARIABLE AREA FLOWMETER
TG-F2026-E21
2
TOKYO KEISO CO., LTD.
-
-
/
/
1
2
3
6
7
L
E
H
T
R
N
M
W
Dust tight, water immersion proof, non-explosionproof
E
Flameproof version
S
Intrinsic safety version
Not applicable to local integrator with scaled pulse output
-
01
Material of main body :C.S./SUS304 Material of float :SUS304
-
0 2
SUS304
SUS304
-
0 3
SUS316
SUS316
-
0 4
SUS316L
SUS316L
- R1
Rubber lining
PVC or ETFE lining
- R2
Rubber lining
Fluorocarbon resin lining or ETFE lining
-
F1
Fluorocarbon resin lining
Fluorocarbon resin lining or ETFE lining
- P1
PVC lining
PVC or ETFE lining
- G1
Glass lining
Fluorocarbon resin lining or ETFE lining
- G2
Glass lining
MA276
-
ZZ
Others
Others
J1
JIS 10K
Other standards
J4
JIS 20K
J6 : JIS40K
J5
JIS 30K
J7 : JIS63K
A2
ANSI CLASS 150
A7 : ANSI CLASS 600
A5
ANSI CLASS 300
A8 : ANSI CLASS 900
A6
ANSI CLASS 400
A9 : ANSI CLASS 1500
P2
JPI CLASS 150
P7 : JPI CLASS 600
P5
JPI CLASS 300
P8 : JPI CLASS 900
P6
JPI CLASS 400
P9 : JPI CLASS 1500
ID
IDF Clamp
Applicable for sanitary
ZZ
R
F
C
J
Clamp-on type
Ring joint
Applicable for sanitary
Z
-
1
-
2
-
3
-
4
-
5
-
6
-
8
- A
- B
- C
- D
-
Z
/L B
/F B
/J S
/J F
/J U
/J V
/D L
/D U
/S R
/S L
Slurry
/E 1
/E 2
/H 1
/H 2
/T 1
H
□
□
□
/T
/ R
Reed switch
/ N
M
Proximity switch
/
Microswitch
/J E
E
E
E
E
I
I
I
I
TIIS Flameproof version
/K
KOSHA Flameproof version
/C
NEPSI Flameproof version
/E
ATEX Flameproof version
/E
IECEx Flameproof version (Specify separately.)
/J
TIIS Intrinsical safety version
/K
KOSHA Intrinsical safety version
/C
NEPSI Intrinsical safety version
/E
ATEX Intrinsical safety version
Explosionproof type
Not applicable to reed switch and proximity switch. See page 12
for details.
Not applicable to local integrator with scaled pulse output. See
page 12 for details.
Output function
Electric transmitter
Electric transmitter (intrinsically safe)
Electric transmitter with HART communication
Electric transmitter with HART communication (intrinsically safe)
Local iintegrator+Electric transmittert+integrator with scaled pulse (or alarm)
Local indication+Analog current output with HARTcommunication+Integrated pulse (or alarm)
Vacuum jaket
Liquid damper
Gas damper
Sanitary (#320 to #400)
150 mm (6")
200 mm (8")
Others
Additional function
Long body
Radiating fin
Semi-jacket
Full-jacket
Upper jacket
Connection size
15 mm (1/2")
20 mm (3/4")
25 mm (1")
40 mm (1-1/2")
50 mm (2")
65 mm (2-1/2")
80 mm (3")
100 mm (4")
125 mm (5")
Connection
R.F.
F.F.
Others
Explosionproof
Wetted material
Rating
Others
Function of indicator
Local indication
Electric transmitter
Electric transmitter with HART communication
Local integration
Reed switch
Proximity switch
Microswitch
Flow direction
Bottom→Top
Bottom→Top side
Bottom side→Top side
Left→Right
Right→Left, Front→Rear, Rear→Front
Function 2
code etc. Basic model and Function 1 code may be indicated in the quotation.
AM7
Specifications
Basic model
Material/Connection code
Function 1
code
□ □ □
□ □ □ □ □
□
□ □
□ □
□ shows conditions of switch action.
A : High alarm CLOSE(ON), B : High alarm OPEN(OFF), C : Low alarm CLOSE(ON), D : Low alarm OPEN(OFF)
Ex. Reed switch/2-point alarm (High alarm CLOSE×1, OPEN×1): /RAB
/M 2 M20×1.5(F)
Not applicable to local integrator with scaled pulse output
/G 1 G1/2(F)
Not applicable to local integrator with scaled pulse output
/G 2 G3/4(F)
Applicable to local integrator with scaled pulse output
/N 1 NPT1/2(F)
Not applicable to local integrator with scaled pulse output
/N 2 NPT3/4(F)
Applicable to local integrator with scaled pulse output
/O L
/W L
/A P
/E P Electrolytic polishing
/L T
/P C Waterproof connector
Not applicable to flameproof version
/F G Flameproof cable gland
/A C
/W S Double scale, output for main scale
Not applicable to alarm output
/W E Double scale, output for main and sub
scalels
Not applicable to alarm output and local integration
Accessory
Other accessories
Double scale
Cleaning
Oil-free treatment
Water-free treatment
Test
Airtight test
Cable entry
Pickling treatment
Finish
MODEL CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com