Electronic Components Datasheet Search
  English  ▼

X  

AM7000 Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

Part # AM7000
Description  METAL TUBE VARIABLE AREA FLOWMETER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM7000 Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  AM7000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AM7000 Series METAL TUBE VARIABLE AREA FLOWMETER
TG-F2026-E21
TOKYO KEISO CO., LTD.
5
AM7
□□□ /E□ (LOCAL INDICATOR WITH ELECTRIC TRANSMITTER)
AM7
□□□ /E□ indicates flow rate by pointer and scale plate, and outputs electric (4 to 20mA DC) signal which is proportional to flow rate.
In addition to the dust tight and water immersion proof type, the intrinsically safe (dust explosion-proof) and flame proof versions are available.
●
SPECIFICATION OF TRANSMITTER
Power supply voltage
: 10 to 30V DC
❲Voltage between transmitter terminals❳
(For Intrinsically safe version : 10 to 28V DC/For TIIS Flameproof version: 12 to 30 VDC)
Current output
: 4 to 20mA DC
❲Effective output range : 4.0 to 21.6mA At abnormal condition, however, 22.8mA or 3.75mA as an option can
be output.
❳
Allowable load resistance : Less than 830
Ω (580Ω or less / 24V DC)
Determine the allowable load resistance for each supply voltage using following formula.
Allowable load resistance
≦(Power supply voltage [V] –10 ) / 0.024 [
Ω]
The allowable load resistance includes the one of circuit wiring.
Output accuracy
:
±1.0%F.S. (Against flow calibration)
Low cut off
: 0 to 20%F.S. (default 7%F.S.)
Damping
: 0 to 20s (default 1s)
Cable entry
: Weather proof 2–M20
×1.5, 2–G1/2, 2–NPT1/2, Weather proof connector
: Intrinsically safe & Flame proof 2–M20
×1.5, 2-G1/2, 2–NPT1/2, Packing type cable gland
Note : The packing type cable gland model SXC -16BY made by Shimada Electric Co. shall be used for the TIIS
flame proof construction. The cable entry for the indicator is G1/2 only.
Construction
: Dust tight and water immersion proof
IP67
: Intrinsically safe
Ex ia IIC T1 to T6
AM7
□□□/E2/□I
(dust explosion-proof)
The temperature class of TIIS certified products is T6.
II 2 D Ex ia IIIC T135°C Db (For ATEX certified products)
: Flame proof
Ex d IIC T1 to T6 AM7
□□□/E1/□E
The temperature class of TIIS certified products is T4.
Ambient temp.
: Dust tight and water immersion proof
–20 to 70°C
: Intrinsically safe
–20 to 60°C
: Flame proof
–20 to 55°C
(For TIIS certified products)
–20 to 60°C
(For other certified products)
Insulation resistance
: 20 M
Ω or more / 500V DC (between batch of power supply terminal and indicator case)
Withstand voltage
: 500V AC/1min (between batch of power supply terminal and indicator case)
●
DIMENSION OF INDICATOR / TRANSMITTER
●
TERMINAL AND WIRING
110
Cable entry
41
69
17
56
155
75
30
50.5
310.5
Approx. mass: 3.7kg
A
+
–
E
Power
supply
Load resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com