Electronic Components Datasheet Search
  English  ▼

X  

AM7000 Datasheet(PDF) 21 Page - TOKYO KEISO CO.,LTD.

Part # AM7000
Description  METAL TUBE VARIABLE AREA FLOWMETER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM7000 Datasheet(HTML) 21 Page - TOKYO KEISO CO.,LTD.

Back Button AM7000 Datasheet HTML 17Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 18Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 19Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 20Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 21Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 22Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 23Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 24Page - TOKYO KEISO CO.,LTD. AM7000 Datasheet HTML 25Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AM7000 Series METAL TUBE VARIABLE AREA FLOWMETER
TG-F2026-E21
TOKYO KEISO CO., LTD.
21
A
8
7
9
3
6
2
1
5
4
10
5
(B)
4
8
7
2
1
9
6
3
A
8
7
9
3
6
2
1
5
4
10
●
AM72
□□ (Flow direction : Bottom—Top side)
For liquid
[PVC LINED MATERIAL]
●
AM71
□□, AM71□□/SL
(Flow direction : Bottom—Top)
For liquid
●
AM72
□□ (Flow direction : Bottom—Top side)
For liquid
A slurry type is available. For details,
contact us.
Meter size
0.8~2.7
4.8
11.4
20.2
33.0
54.0
88.0
88.0
140.0
5.5
4.3
7.0
5.4
10.0
10.0
14.0
14.0
20.0
Not available
Not available
700
730
780
810
870
1000
1020
1140
1150
320
350
380
400
440
500
500
550
600
22
26
33
40
48
75
92
125
135
15
20
25
40
50
65
80
100
125
125
150
(H)
L
120
130
130
150
150
200
200
220
220
A
Mass (approx.)
Q water
(m3/h)
Pressure
loss (kPa)
Table
36
1 Class 1, 2
2 Class 3
1
2
Size (mm)
JIS10K
Tapered tube
Float ass'y
Upper body
Lower body
Float guide
Upper ange
Lead pipe
Indicator
Bolts & nuts
Gasket
Float rod material is ETFE lined SUS304 for meter size 15, 20 and 25mm.
F.C.R. means
Fluorocarbon Resin.
Other metallic material on request
No
1
2
3
4
5
6
7
8
9
10
Description
Class 1
Rubber lined
PVC
Rubber lined
Rubber lined
PVC
SS400
PVC
ADC12
SS400
EPDM
Class 2
Rubber lined
F.C.R.
Rubber lined
Rubber lined
PVDF
SS400
PFA tubed SUS304
ADC12
SS400
EPDM
Table
37
Other metallic material on request
No
1
2
3
4
5
6
7
8
9
10
Tapered tube
Float ass'y
Upper body
Lower body
Float guide
Upper ange
Lead pipe
Indicator
Bolts & nuts
Gasket
Description
Table
38
Class 3
F.C.R. lined
F.C.R. lined
F.C.R. lined
F.C.R. lined
PVDF
SS400
PFA tubed SUS304
ADC12
SS400
PTFE
Meter size
0.1~0.65
1.1
2.1
2.7
6.5
12
17
35
48
66
5.0
5.0
5.5
8.0
5.5
7.0
8.0
10.0
12.0
16.0
94
94
101
104
110
118
131
137
150
163
16
20
25
32
40
50
62
78
94
130
15
20
25
40
50
65
80
100
125
150
(B)
550
700
750
800
850
900
900
950
950
1000
L
Mass (approx.)
Q water
(m3/h)
Pressure
loss (kPa)
Table
39
Size (mm)
JIS10K
No
1
2
3
4
5
6
7
8
9
Tapered tube
Float ass'y
Upper body
Lower body
Float receiver
Float guide
Bolts & nuts
Gasket
Indicator
Description
Material
PVC lined
PVC
PVC lined
PVC lined
PVC
PVC
SS400
EPDM
ADC12
Table
40
Float rod material is ETFE lined SUS304
for meter size 15 and 20mm.
Meter size
0.6~1.9
2.6
5.8
11
18
29.5
45
76
5.0
3.8
6.0
4.8
8.5
8.5
12.0
17.0
850
830
830
850
850
850
930
930
930
980
980
980
1010
1010
1010
1050
1050
1050
1100
1100
1100
1140
1150
1150
420
400
400
420
420
420
480
480
480
520
520
520
530
530
530
553
553
553
600
600
600
641
650
650
18
22
25
30
46
53
65
95
15
20
25
40
50
65
80
100
125
150
(H)
Not available
Not available
20
25
40
25
40
50
40
50
65
50
65
80
65
80
100
80
100
125
100
125
150
125
150
200
Conn
size
L
70
49
61
54
64
67
70
74
80
80
86
90
99
103
110
128
135
141
135
141
190
167
210
220
A
Mass (approx.)
Q water
(m3/h)
Pressure
loss (kPa)
Table
41
Size (mm)
JIS10K
No
1
2
3
4
5
6
7
8
9
10
Tapered tube
Float ass'y
Upper body
Lower body
Float guide
Upper ange
Lead pipe
Indicator
Bolts & nuts
Gasket
Description
Material
PVC lined
PVC
PVC lined
PVC lined
PVC
SS400
PVC
ADC12
SS400
EPDM
Table
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com