Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 97Page - Texas Instruments TMS320DM641 Datasheet HTML 98Page - Texas Instruments TMS320DM641 Datasheet HTML 99Page - Texas Instruments TMS320DM641 Datasheet HTML 100Page - Texas Instruments TMS320DM641 Datasheet HTML 101Page - Texas Instruments TMS320DM641 Datasheet HTML 102Page - Texas Instruments TMS320DM641 Datasheet HTML 103Page - Texas Instruments TMS320DM641 Datasheet HTML 104Page - Texas Instruments TMS320DM641 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 179 page
background image
Clock PLL
101
June 2003 − Revised October 2005
SPRS222E
Table 4−12. TMS320DM641/DM640 PLL Multiply Factor Options, Clock Frequency Ranges,
and Typical Lock Time†‡
GDK and ZDK PACKAGES − 23 x 23 mm BGA,
GNZ and ZNZ PACKAGES − 27 x 27 mm BGA
CLKMODE1 CLKMODE0
CLKMODE
(PLL MULTIPLY
FACTORS)
CLKIN
RANGE
(MHz)
CPU CLOCK
FREQUENCY
RANGE (MHz)
CLKOUT4
RANGE (MHz)
CLKOUT6
RANGE (MHz)
TYPICAL
LOCK TIME
(µs)§
0
0
Bypass (x1)
30−75
30−75
7.5−18.8
5−12.5
N/A
0
1
x6
30−75
180−450
45−112.5
30−75
75
1
0
x12
30−50
360−600
90−150
60−100
75
1
1
Reserved
−
−
−
−
−
† These clock frequency range values are applicable to a DM641−600 speed device. For −400, −500 device speed values, see the CLKIN timing
requirements table for the specific device speed.
‡ Use external pullup resistors on the CLKMODE pins (CLKMODE1 and CLKMODE0) to set the DM641/DM640 device to one of the valid PLL
multiply clock modes (x6 or x12). With internal pulldown resistors on the CLKMODE pins (CLKMODE1, CLKMODE0), the default clock mode
is x1 (bypass).
§ Under some operating conditions, the maximum PLL lock time may vary by as much as 150% from the specified typical value. For example, if
the typical lock time is specified as 100 µs, the maximum value may be as long as 250 µs.
4.7.2
Clock PLL Electrical Data/Timing (Input and Output Clocks)
Table 4−13. Timing Requirements for CLKIN for −400 Devices†‡§ (see Figure 4−13)
−400
NO.
PLL MODE x12
PLL MODE x6
x1 (BYPASS)
UNIT
NO.
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
1
tc(CLKIN)
Cycle time, CLKIN
30
33.3
13.3
33.3
13.3
33.3
ns
2
tw(CLKINH)
Pulse duration, CLKIN high
0.45C
0.45C
0.45C
ns
3
tw(CLKINL)
Pulse duration, CLKIN low
0.45C
0.45C
0.45C
ns
4
tt(CLKIN)
Transition time, CLKIN
5
5
1
ns
5
tJ(CLKIN)
Period jitter, CLKIN
0.02C
0.02C
0.02C
ns
† The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
‡ For more details on the PLL multiplier factors (x6, x12), see the Clock PLL section of this data sheet.
§ C = CLKIN cycle time in ns. For example, when CLKIN frequency is 50 MHz, use C = 20 ns.
Table 4−14. Timing Requirements for CLKIN for −500 Devices†‡§ (see Figure 4−13)
−500
NO.
PLL MODE x12
PLL MODE x6
x1 (BYPASS)
UNIT
NO.
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
1
tc(CLKIN)
Cycle time, CLKIN
24
33.3
13.3
33.3
13.3
33.3
ns
2
tw(CLKINH)
Pulse duration, CLKIN high
0.45C
0.45C
0.45C
ns
3
tw(CLKINL)
Pulse duration, CLKIN low
0.45C
0.45C
0.45C
ns
4
tt(CLKIN)
Transition time, CLKIN
5
5
1
ns
5
tJ(CLKIN)
Period jitter, CLKIN
0.02C
0.02C
0.02C
ns
† The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
‡ For more details on the PLL multiplier factors (x6, x12), see the Clock PLL section of this data sheet.
§ C = CLKIN cycle time in ns. For example, when CLKIN frequency is 50 MHz, use C = 20 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com