Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 100Page - Texas Instruments TMS320DM641 Datasheet HTML 101Page - Texas Instruments TMS320DM641 Datasheet HTML 102Page - Texas Instruments TMS320DM641 Datasheet HTML 103Page - Texas Instruments TMS320DM641 Datasheet HTML 104Page - Texas Instruments TMS320DM641 Datasheet HTML 105Page - Texas Instruments TMS320DM641 Datasheet HTML 106Page - Texas Instruments TMS320DM641 Datasheet HTML 107Page - Texas Instruments TMS320DM641 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 179 page
background image
Clock PLL
104
June 2003 − Revised October 2005
SPRS222E
Table 4−19. Switching Characteristics Over Recommended Operating Conditions for AECLKOUT1 for the
EMIFA Module§#|| (see Figure 4−17)
NO.
PARAMETER
−400
−500
−600
UNIT
MIN
MAX
1
tw(EKO1H)
Pulse duration, AECLKOUT1 high
EH − 0.7
EH + 0.7
ns
2
tw(EKO1L)
Pulse duration, AECLKOUT1 low
EL − 0.7
EL + 0.7
ns
3
tt(EKO1)
Transition time, AECLKOUT1
1
ns
4
td(EKIH-EKO1H)
Delay time, AECLKIN high to AECLKOUT1 high
1
8
ns
5
td(EKIL-EKO1L)
Delay time, AECLKIN low to AECLKOUT1 low
1
8
ns
§ E = the EMIF input clock (AECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA.
# The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
|| EH is the high period of E (EMIF input clock period) in ns and EL is the low period of E (EMIF input clock period) in ns for EMIFA.
kThis cycle-to-cycle jitter specification was measured with CPU/4 or CPU/6 as the source of the EMIF input clock.
4
5
1
2
AECLKIN
AECLKOUT1
3
3
Figure 4−17. AECLKOUT1 Timing for the EMIFA Module
Table 4−20. Switching Characteristics Over Recommended Operating Conditions for AECLKOUT2 for the
EMIFA Module†‡ (see Figure 4−18)
NO.
PARAMETER
−400
−500
−600
UNIT
MIN
MAX
1
tw(EKO2H)
Pulse duration, AECLKOUT2 high
0.5NE − 0.7
0.5NE + 0.7
ns
2
tw(EKO2L)
Pulse duration, AECLKOUT2 low
0.5NE − 0.7
0.5NE + 0.7
ns
3
tt(EKO2)
Transition time, AECLKOUT2
1
ns
4
td(EKIH-EKO2H)
Delay time, AECLKIN high to AECLKOUT2 high
1
8
ns
5
td(EKIL-EKO2L)
Delay time, AECLKIN low to AECLKOUT2 low
1
8
ns
† The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
‡ E = the EMIF input clock (AECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA.
N = the EMIF input clock divider; N = 1, 2, or 4.
§ This cycle-to-cycle jitter specification was measured with CPU/4 or CPU/6 as the source of the EMIF input clock.
4
5
1
2
AECLKIN
AECLKOUT2
3
3
Figure 4−18. AECLKOUT2 Timing for the EMIFA Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com