Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 121 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 117Page - Texas Instruments TMS320DM641 Datasheet HTML 118Page - Texas Instruments TMS320DM641 Datasheet HTML 119Page - Texas Instruments TMS320DM641 Datasheet HTML 120Page - Texas Instruments TMS320DM641 Datasheet HTML 121Page - Texas Instruments TMS320DM641 Datasheet HTML 122Page - Texas Instruments TMS320DM641 Datasheet HTML 123Page - Texas Instruments TMS320DM641 Datasheet HTML 124Page - Texas Instruments TMS320DM641 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 179 page
background image
Multichannel Audio Serial Port (McASP0) Peripheral
121
June 2003 − Revised October 2005
SPRS222E
4.9
Multichannel Audio Serial Port (McASP0) Peripheral
The McASP functions as a general-purpose audio serial port optimized for the needs of multichannel audio
applications. The McASP is useful for time-division multiplexed (TDM) stream, Inter-Integrated Sound (I2S)
protocols, and intercomponent digital audio interface transmission (DIT).
4.9.1
McASP0 Device-Specific Information
The TMS320DM641/DM640 device includes one multichannel audio serial port (McASP) interface peripheral
(McASP0). The McASP is a serial port optimized for the needs of multichannel audio applications.
The McASP consists of a transmit and receive section. These sections can operate completely independently
with different data formats, separate master clocks, bit clocks, and frame syncs or alternatively, the transmit
and receive sections may be synchronized. The McASP module also includes a pool of 16 shift registers that
may be configured to operate as either transmit data, receive data, or general-purpose I/O (GPIO).
The transmit section of the McASP can transmit data in either a time-division-multiplexed (TDM) synchronous
serial format or in a digital audio interface (DIT) format where the bit stream is encoded for S/PDIF, AES-3,
IEC-60958, CP-430 transmission. The receive section of the McASP supports the TDM synchronous serial
format.
The McASP can support one transmit data format (either a TDM format or DIT format) and one receive format
at a time. All transmit shift registers use the same format and all receive shift registers use the same format.
However, the transmit and receive formats need not be the same.
Both the transmit and receive sections of the McASP also support burst mode which is useful for non-audio
data (for example, passing control information between two DSPs).
The McASP peripheral has additional capability for flexible clock generation, and error detection/handling, as
well as error management.
For more detailed information on and the functionality of the McASP peripheral, see the TMS320C6000 DSP
Multichannel Audio Serial Port (McASP) Reference Guide (literature number SPRU041).
4.9.1.1
McASP Block Diagram
Figure 4−34 illustrates the major blocks along with external signals of the TMS320DM641/DM640 McASP0
peripheral; and shows the 8 serial data [AXR] pins. The McASP also includes full general-purpose I/O (GPIO)
control, so any pins not needed for serial transfers can be used for general-purpose I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com