Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 123 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 119Page - Texas Instruments TMS320DM641 Datasheet HTML 120Page - Texas Instruments TMS320DM641 Datasheet HTML 121Page - Texas Instruments TMS320DM641 Datasheet HTML 122Page - Texas Instruments TMS320DM641 Datasheet HTML 123Page - Texas Instruments TMS320DM641 Datasheet HTML 124Page - Texas Instruments TMS320DM641 Datasheet HTML 125Page - Texas Instruments TMS320DM641 Datasheet HTML 126Page - Texas Instruments TMS320DM641 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 179 page
background image
Multichannel Audio Serial Port (McASP0) Peripheral
123
June 2003 − Revised October 2005
SPRS222E
4.9.2
McASP0 Peripheral Register Description(s)
Table 4−31. McASP0 Control Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01B4 C000
PID
Peripheral Identification register [Register value: 0x0010 0101]
01B4 C004
PWRDEMU
Power down and emulation management register
01B4 C008
−
Reserved
01B4 C00C
−
Reserved
01B4 C010
PFUNC
Pin function register
01B4 C014
PDIR
Pin direction register
01B4 C018
PDOUT
Pin data out register
01B4 C01C
PDIN/PDSET
Pin data in / data set register
Read returns: PDIN
Writes affect: PDSET
01B4 C020
PDCLR
Pin data clear register
01B4 C024 − 01B4 C040
−
Reserved
01B4 C044
GBLCTL
Global control register
01B4 C048
AMUTE
Mute control register
01B4 C04C
DLBCTL
Digital Loop-back control register
01B4 C050
DITCTL
DIT mode control register
01B4 C054 − 01B4 C05C
−
Reserved
01B4 C060
RGBLCTL
Alias of GBLCTL containing only Receiver Reset bits, allows transmit to be reset
independently from receive.
01B4 C064
RMASK
Receiver format unit bit mask register
01B4 C068
RFMT
Receive bit stream format register
01B4 C06C
AFSRCTL
Receive frame sync control register
01B4 C070
ACLKRCTL
Receive clock control register
01B4 C074
AHCLKRCTL
High-frequency receive clock control register
01B4 C078
RTDM
Receive TDM slot 0−31 register
01B4 C07C
RINTCTL
Receiver interrupt control register
01B4 C080
RSTAT
Status register − Receiver
01B4 C084
RSLOT
Current receive TDM slot register
01B4 C088
RCLKCHK
Receiver clock check control register
01B4 C08C − 01B4 C09C
−
Reserved
01B4 C0A0
XGBLCTL
Alias of GBLCTL containing only Transmitter Reset bits, allows transmit to be reset
independently from receive.
01B4 C0A4
XMASK
Transmit format unit bit mask register
01B4 C0A8
XFMT
Transmit bit stream format register
01B4 C0AC
AFSXCTL
Transmit frame sync control register
01B4 C0B0
ACLKXCTL
Transmit clock control register
01B4 C0B4
AHCLKXCTL
High-frequency Transmit clock control register
01B4 C0B8
XTDM
Transmit TDM slot 0−31 register
01B4 C0BC
XINTCTL
Transmit interrupt control register
01B4 C0C0
XSTAT
Status register − Transmitter
01B4 C0C4
XSLOT
Current transmit TDM slot
01B4 C0C8
XCLKCHK
Transmit clock check control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com