Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 131 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 127Page - Texas Instruments TMS320DM641 Datasheet HTML 128Page - Texas Instruments TMS320DM641 Datasheet HTML 129Page - Texas Instruments TMS320DM641 Datasheet HTML 130Page - Texas Instruments TMS320DM641 Datasheet HTML 131Page - Texas Instruments TMS320DM641 Datasheet HTML 132Page - Texas Instruments TMS320DM641 Datasheet HTML 133Page - Texas Instruments TMS320DM641 Datasheet HTML 134Page - Texas Instruments TMS320DM641 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 179 page
background image
Inter-Integrated Circuit (I2C)
131
June 2003 − Revised October 2005
SPRS222E
4.10.3
I2C Electrical Data/Timing
4.10.3.1 Inter-Integrated Circuits (I2C) Timing
Table 4−36. Timing Requirements for I2C Timings† (see Figure 4−38)
−400
−500
−600
NO.
STANDARD
MODE
FAST
MODE
UNIT
MIN
MAX
MIN
MAX
1
tc(SCL)
Cycle time, SCL
10
2.5
µs
2
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low (for a repeated START
condition)
4.7
0.6
µs
3
th(SCLL-SDAL)
Hold time, SCL low after SDA low (for a START and a repeated
START condition)
4
0.6
µs
4
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
5
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
6
tsu(SDAV-SDLH) Setup time, SDA valid before SCL high
250
100‡
ns
7
th(SDA-SDLL)
Hold time, SDA valid after SCL low (For I2C bus™ devices)
0§
0§
0.9
µs
8
tw(SDAH)
Pulse duration, SDA high between STOP and START conditions
4.7
1.3
µs
9
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb#
300
ns
10
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb#
300
ns
11
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb#
300
ns
12
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb#
300
ns
13
tsu(SCLH-SDAH) Setup time, SCL high before SDA high (for STOP condition)
4
0.6
µs
14
tw(SP)
Pulse duration, spike (must be suppressed)
0
50
ns
15
Cb#
Capacitive load for each bus line
400
400
pF
† The I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current when the device is powered down.
‡ A Fast-mode I2C-bus™ device can be used in a Standard-mode I2C-bus™ system, but the requirement tsu(SDA−SCLH) ≥ 250 ns must then be met.
This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period
of the SCL signal, it must output the next data bit to the SDA line tr max + tsu(SDA−SCLH) = 1000 + 250 = 1250 ns (according to the Standard-mode
I2C-Bus Specification) before the SCL line is released.
§ A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the undefined
region of the falling edge of SCL.
The maximum th(SDA−SCLL) has only to be met if the device does not stretch the low period [tw(SCLL)] of the SCL signal.
# Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
10
8
4
3
7
12
5
6
14
2
3
13
Stop
Start
Repeated
Start
Stop
SDA
SCL
1
11
9
Figure 4−38. I2C Receive Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com