Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 134 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 130Page - Texas Instruments TMS320DM641 Datasheet HTML 131Page - Texas Instruments TMS320DM641 Datasheet HTML 132Page - Texas Instruments TMS320DM641 Datasheet HTML 133Page - Texas Instruments TMS320DM641 Datasheet HTML 134Page - Texas Instruments TMS320DM641 Datasheet HTML 135Page - Texas Instruments TMS320DM641 Datasheet HTML 136Page - Texas Instruments TMS320DM641 Datasheet HTML 137Page - Texas Instruments TMS320DM641 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 179 page
background image
Host-Port Interface (HPI) [DM641 Only]
134
June 2003 − Revised October 2005
SPRS222E
Table 4−40. Switching Characteristics Over Recommended Operating Conditions During Host-Port
Interface Cycles†‡ (see Figure 4−40 through Figure 4−43) [DM641 Only]
NO.
PARAMETER
−400
−500
−600
UNIT
MIN
MAX
6
td(HSTBL-HRDYH)
Delay time, HSTROBE low to HRDY high#
1.3
4P + 8
ns
7
td(HSTBL-HDLZ)
Delay time, HSTROBE low to HD low impedance for an HPI read
2
ns
8
td(HDV-HRDYL)
Delay time, HD valid to HRDY low
−3
ns
9
toh(HSTBH-HDV)
Output hold time, HD valid after HSTROBE high
1.5
ns
15
td(HSTBH-HDHZ)
Delay time, HSTROBE high to HD high impedance
12
ns
16
td(HSTBL-HDV)
Delay time, HSTROBE low to HD valid (HPI16 mode, 2nd half-word only)
4P + 8
ns
† HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
‡ P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
# This parameter is used during HPID reads and writes. For reads, at the beginning of the first half-word transfer (HPI16) on the falling edge of
HSTROBE, the HPI sends the request to the EDMA internal address generation hardware, and HRDY remains high until the EDMA internal
address generation hardware loads the requested data into HPID. For writes, HRDY goes high if the internal write buffer is full.
1st half-word
2nd half-word
8
6
15
9
16
15
9
7
4
3
2
1
2
1
2
1
2
1
2
1
2
1
HAS
HCNTL[1:0]
HR/W
HHWIL
HSTROBE†
HCS
HD[15:0] (output)
HRDY
3
† HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
Figure 4−40. HPI16 Read Timing (HAS Not Used, Tied High) [DM641 Only]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com