Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 162 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 158Page - Texas Instruments TMS320DM641 Datasheet HTML 159Page - Texas Instruments TMS320DM641 Datasheet HTML 160Page - Texas Instruments TMS320DM641 Datasheet HTML 161Page - Texas Instruments TMS320DM641 Datasheet HTML 162Page - Texas Instruments TMS320DM641 Datasheet HTML 163Page - Texas Instruments TMS320DM641 Datasheet HTML 164Page - Texas Instruments TMS320DM641 Datasheet HTML 165Page - Texas Instruments TMS320DM641 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 179 page
background image
Management Data Input/Output (MDIO)
162
June 2003 − Revised October 2005
SPRS222E
4.16 Management Data Input/Output (MDIO)
The MDIO module controls PHY configuration and status monitoring.
4.16.1
Device-Specific Information
The management data input/output (MDIO) module continuously polls all 32 MDIO addresses in order to
enumerate all PHY devices in the system.
The management data input/output (MDIO) module implements the 802.3 serial management interface to
interrogate and control Ethernet PHY(s) using a shared two-wire bus. Host software uses the MDIO module
to configure the auto-negotiation parameters of each PHY attached to the EMAC, retrieve the negotiation
results, and configure required parameters in the EMAC module for correct operation. The module is designed
to allow almost transparent operation of the MDIO interface, with very little maintenance from the core
processor.
The TMS320C6000 DSP Ethernet Media Access Controller (EMAC) / Management Data Input/Output (MDIO)
Module Reference Guide (literature number SPRU628) describes the DM641/DM640 MDIO peripheral in
detail. Some of the features documented in this peripheral reference guide are not supported on the
DM641/DM640 at this time. The DM641/DM640 only supports one EMAC module. For a list of supported
registers and register fields, see Table 4−71 [MDIO Registers] in this data manual.
4.16.2
Peripheral Register Description(s)
Table 4−71. MDIO Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C8 3800
VERSION
MDIO Version Register
01C8 3804
CONTROL
MDIO Control Register
01C8 3808
ALIVE
MDIO PHY Alive Indication Register
01C8 380C
LINK
MDIO PHY Link Status Register
01C8 3810
LINKINTRAW
MDIO Link Status Change Interrupt Register
(MAC1 field is reserved and only supports writes of 0.)
01C8 3814
LINKINTMASKED
MDIO Link Status Change Interrupt (Masked) Register
(MAC1 field is reserved and only supports writes of 0.)
01C8 3818
USERINTRAW
MDIO User Command Complete Interrupt Register
(MAC1 field is reserved and only supports writes of 0.)
01C8 381C
USERINTMASKED
MDIO User Command Complete Interrupt (Masked) Register
(MAC1 field is reserved and only supports writes of 0.)
01C8 3820
USERINTMASKSET
MDIO User Command Complete Interrupt Mask Set Register
(MAC1 field is reserved and only supports writes of 0.)
01C8 3824
USERINTMASKCLEAR
MDIO User Command Complete Interrupt Mask Clear Register
(MAC1 field is reserved and only supports writes of 0.)
01C8 3828
USERACCESS0
MDIO User Access Register 0
01C8 382C
USERACCESS1
Reserved. Do not write.
01C8 3830
USERPHYSEL0
MDIO User PHY Select Register 0
01C8 3834
USERPHYSEL1
Reserved. Do not write.
01C8 3838 − 01C8 3FFF
−
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com