Electronic Components Datasheet Search
  English  ▼

X  

DM9010 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
14
Version: DM9010-DS-P03
Apr. 28, 2005
5.6 10/100 PHY/Fiber
24
SD
I
Fiber-optic Signal Detect
PECL signal, which indicates whether or not the fiber-optic receive pair is
receiving valid levels
25
BGGND
P
Bandgap Ground
26
BGRES
I/O
Bandgap Pin
27,28
RXVDD25
P
Internal regulator 2.5V output for TP RX
29
RXI+
I/O
TP RX Input
30
RXI-
I/O
TP RX Input
31
RXGND
P
RX Ground
32
TXGND
P
TX Ground
33
TXO+
I/O
TP TX Output
34
TXO-
I/O
TP TX Output
35
TXVDD25
P
Internal regulator 2.5V output for TP TX
5.7 Miscellaneous
16,17,18,
19
TEST1~TEST4
I
Operation Mode
Test 1, 2, 3, 4 = (1, 1, 0, 0) in normal application
48
TEST5
I,PD Internal system clock source
0: use internal 50MHz clock *(Suggestion)
1: use CLK20MO pin
68,69,70,
71,
74,75,77
GP0~6
I/O,PD General I/O Ports
Registers GPCR and GPR can program these pins
The GPIO0 is an output mode, and output data high at default is to
power down internal PHY and other external MII device
GP1~3 defaults are input ports, GP 0,4~6 force to output ports.
78
LINK_O
O,PD Cable Link Status Output. Active High
This pin is also used as a strap pin to define whether the MII interface is
a reversed MII interface (pulled high) or a normal MII interface (not pulled
high). This pin has a pulled down resistor about 60k ohm internally.
79
WAKE
O,PD Issue a wake up signal when wake up event happens
This pin has a pulled down resistor about 60k ohm internally.
80
PW_RST#
I
Power on Reset
Active low signal to initiate the DM9010
The DM9010 is ready after 5us when this pin deasserted
36
NC
NC
NC
5.8 Power Pins
5,20,55,
72,90,73
DVDD
P
Digital VDD
15,23,42,
58,63,81,
99,76
GND
P
Digital GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com