Electronic Components Datasheet Search
  English  ▼

X  

DM9010 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
15
Version: DM9010-DS-P03
Apr. 28, 2005
5.9 strap pins table
1: pull-high 1K~10K,
0: floating.
Pin No.
Pin Name
Description
57
MDC
Polarity of INT
1: INT pin low active;
0: INT pin high active
65
79
EEDO
WAKE
DATA Bus Width
WAKE
EEDO
data width
0
0
16-bit
0
1
32-bit
1
0
8-bit
1
1
reserved
67
EECS
LED Mode
When it is pulled high, the LED mode is mode 1; Otherwise it is mode 0
52,51,
50
TXD[2:0]
IO base address. (not available in 32-bit mode)
IO base = (strap pin value of TXD [2:0]) * 10H + 300H
78
LINK_O
Reverse MII
1: Reverse MII mode
0: normal MII mode
53
TXD[3]
External MII mode (not available in 32-bit mode)
force to external MII mode , mapping to bit 5 of REG. 2EH
and set register NCR Bit7 “1”,
54
TXEN
Disable to load EEPROM after power on reset.
74
GPIO4
PHY Power-Up.
1: PHY is power-up after power-ON
0: PHY is power-down after power-ON
75
GPIO5
Output Type of INT
1: INT pin is Open-Collect
0: INT pin is force output
77
GPIO6
AUTO MDIX
0: AUTO-MDIX turn ON
1: AUTO-MDIX turn OFF
6. Vendor Control and Status Register Set
The DM9010 implements several control and status
registers, which can be accessed by the host. These CSRs
are byte aligned. All CSRs are set to their default values by
hardware or software reset unless they are specified
Register
Description
Offset
Default value
after reset
NCR
Network Control Register
00H
00H
NSR
Network Status Register
01H
00H
TCR
TX Control Register
02H
00H
TSR I
TX Status Register I
03H
00H
TSR II
TX Status Register II
04H
00H
RCR
RX Control Register
05H
00H
RSR
RX Status Register
06H
00H
ROCR
Receive Overflow Counter Register
07H
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com