Electronic Components Datasheet Search
  English  ▼

X  

DM9010 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
23
Version: DM9010-DS-P03
Apr. 28, 2005
6:4
GEPIO6-4
PH0,RW
General Purpose Data 6~4
These bits are reflect to pin GEPIO6~4 respectively.
3:1
GEPIO3-1
PH0,RW
General Purpose 3~1
When the correspondent bit of General Purpose Control Register is 1, the value of
the bit is reflected to pin GEPIO3-1
When the correspondent bit of General Purpose Control Register is 0, the value of
the bit to be read is reflected from correspondent pins of GEPIO3-1
The GEPIOs are mapped to pins GEPIO3 to GEPIO1 respectively
0
GEPIO0
ET1,RW
General Purpose 0
The value of the bit is the output to pin GEPIO0
This bit also defines the power down status of Internal PHYceiver. Driver needs to
clear this bit by writing “0” when it wants internal PHYceiver to be power up. This
default value can be programmed by strap pin GPIO4 or EEPROM. Please refer to
the EEPROM description
6.20 TX SRAM Read Pointer Address Register (22H~23H)
Bit
Name
Default
Description
7:0
TRPAH
PS0,RO
TX SRAM Read Pointer Address High Byte (23H)
7:0
TRPAL
PS0.RO
TX SRAM Read Pointer Address Low Byte (22H)
6.21 RX SRAM Write Pointer Address Register (24H~25H)
Bit
Name
Default
Description
7:0
RWPAH
PS,0CH,RO RX SRAM Write Pointer Address High Byte (25H)
7:0
RWPAL
PS,04H.RO
RX SRAM Write Pointer Address Low Byte (24H)
6.22 Vendor ID Register (28H~29H)
Bit
Name
Default
Description
7:0
VIDH
PHE,0AH,RO
Vendor ID High Byte (29H)
7:0
VIDL
PHE,46H.RO
Vendor ID Low Byte (28H)
6.23 Product ID Register (2AH~2BH)
Bit
Name
Default
Description
7:0
PIDH
PHE,90H,RO
Product ID High Byte (2BH)
7:0
PIDL
PHE,00H.RO
Product ID Low Byte (2AH)
6.24 Chip Revision Register (2CH)
Bit
Name
Default
Description
7:0
CHIPR
10H,RO
CHIP Revision
6.25 Transmit Control Register 2 ( 2DH )
Bit
Name
Default
Description
7
LED
PH0,RW
Led Mode
When set, the LED pins act as led mode 1.
When cleared, the led mode is depending on strap pin or EEPROM setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com