Electronic Components Datasheet Search
  English  ▼

X  

DM9010 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
25
Version: DM9010-DS-P03
Apr. 28, 2005
1~0
ETT
HPS0,RW
Early Transmit Threshold
Start transmit when data write to TX FIFO reach the byte-count threshold
Bit-1 bit-0
threshold
----- ----
-------------
0
0
: 12.5%
0
1
: 25%
1
0
: 50%
1
1
: 75%
6.29 Transmit Check Sum Control Register ( 31H )
Bit
Name
Default
Description
7~3
RESERVED
0,RO
Reserved
2
UDPCSE
HPS0,RW
UDP CheckSum Generation Enable
1
TCPCSE
HPS0,RW
TCP CheckSum Generation Enable
0
IPCSE
HPS0,RW
IP CheckSum Generation Enable
6.30 Receive Check Sum Control Status Register ( 32H )
Bit
Name
Default
Description
7
UDPS
HPS0,RO UDP CheckSum Status
0: checksum OK, if UDP packet
6
TCPS
HPS0,RO TCP CheckSum Status
0: checksum OK, if TCP packet
5
IPS
HPS0,RO IP CheckSum Status
0: checksum OK, if IP packet
4
UDPP
HPS0,RO UDP Packet
3
TCPP
HPS0,RO TCP Packet
2
IPP
HPS0,RO IP Packet
1
RCSEN
HPS0,R
W
Receive CheckSum Checking Enable
When set, the checksum status will store in packet first byte of status header.
0
DCSE
HPS0,R
W
Discard CheckSum Error Packet
When set, if IP/TCP/UDP checksum field is error, this packet will be discarded.
6.31 External PHYceiver Address Register ( 33H )
Bit
Name
Default
Description
7
ADR_EN
HPS0,R
W
External PHY Address Enabled
When set in external MII mode, the external PHYceiver address is defined at bit
4~0.
6~5
Reserved
HPS0,RO Reserved
4~0
EPHYADR
HPS01,R
W
External PHY Address Bit 4~0
The PHY address in external MII mode.
6.32 General Purpose Control Register 2 ( 34H )
Bit
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com