Electronic Components Datasheet Search
  English  ▼

X  

DM9010 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
24
Version: DM9010-DS-P03
Apr. 28, 2005
6
RLCP
PH0,RW
Retry Late_Collision Packet
Re-transmit the packet with late-collision
5
DTU
PH0,RW
Disable TX Underrun Retry
Disable to re-transmit the underruned packet
4
ONEPM
PH0,RW
One Packet Mode
When set, only one packet transmit command can be issued before transmit
completed.
When cleared, at most two packet transmit command can be issued before
transmit completed.
3~0
IFGS
PH0,RW
Inter-Frame Gap Setting
0XXX: 96-bit
1000: 64-bit
1001: 72-bit
1010:80-bit
1011:88-bit
1100:96-bit
1101:104-bit
1110: 112-bit
1111:120-bit
6.26 Operation Test Control Register ( 2EH )
Bit
Name
Default
Description
7~6
SCC
PH0,RW
System Clock Control
Set the internal system clock.
00: 50Mhz
01: 20MHz
10: 100MHz
11:1KHz
In external MII mode, only internal system clock is always 50Mhz.
5
EXTMII
PH0,RW
Force to External MII mode
4
SOE
PH0,RW
SRAM Output-Enable Always ON
3
SCS
PH0,RW
SRAM Chip-Select Always ON
2~0
PHYOP
PH0,RW
PHY operation mode
6.27 Special Mode Control Register ( 2FH )
Bit
Name
Default
Description
7
SM_EN
HPS0,RW Special Mode Enable
6~3
RESERVED
HPS0,RO
Reserved
2
FLC
HPS0,RW Force Late Collision
1
FB1
HPS0,RW Force Longest Back-off time
0
FB0
HPS0,RW Force Shortest Back-off time
6.28 Early Transmit Control/Status Register ( 30H )
Bit
Name
Default
Description
7
ETE
HPS0, RW
Early Transmit Enable
Enable bits[1:0]
6
ETS2
HPS0,RO
Early Transmit Status II (underrun)
5
ETS1
HPS0,RO
Early Transmit Status I (underrun)
4~2
RESERVED
000,RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com