Electronic Components Datasheet Search
  English  ▼

X  

DM9010 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
31
Version: DM9010-DS-P03
Apr. 28, 2005
8.1 Basic Mode Control Register (BMCR) - 00
Bit
Bit Name
Default
Description
0.15
Reset
0, RW/SC Reset
1=Software reset
0=Normal operation
This bit sets the status and controls the PHY registers to their
default states. This bit, which is self-clearing, will keep
returning a value of one until the reset process is completed
0.14
Loopback
0, RW
Loopback
Loop-back control register
1 = Loop-back enabled
0 = Normal operation
When in 100Mbps operation mode, setting this bit may cause
the descrambler to lose synchronization and produce a 720ms
"dead time" before any valid data appears at the MII receive
outputs
0.13
Speed selection
1, RW
Speed Select
1 = 100Mbps
0 = 10Mbps
Link speed may be selected either by this bit or by
auto-negotiation. When auto-negotiation is enabled and bit 12
is set, this bit will return auto-negotiation selected medium
type
0.12
Auto-negotiatio
n enable
1, RW
Auto-negotiation Enable
1 = Auto-negotiation is enabled, bit 8 and 13 will be in
auto-negotiation status
0.11
Power down
0, RW
Power Down
While in the power-down state, the PHY should respond to
management transactions. During the transition to
power-down state and while in the power-down state, the
PHY should not generate spurious signals on the MII
1=Power down
0=Normal operation
0.10
Isolate
0,RW
Isolate
Force to 0 in application.
0.9
Restart
Auto-negotiatio
n
0,RW/SC Restart Auto-negotiation
1 = Restart auto-negotiation. Re-initiates the auto-negotiation
process. When auto-negotiation is disabled (bit 12 of this
register cleared), this bit has no function and it should be
cleared. This bit is self-clearing and it will keep returning to a
value of 1 until auto-negotiation is initiated by the DM9010.
The operation of the auto-negotiation process will not be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com