Electronic Components Datasheet Search
  English  ▼

X  

DM9010 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
16
Version: DM9010-DS-P03
Apr. 28, 2005
BPTR
Back Pressure Threshold Register
08H
37H
FCTR
Flow Control Threshold Register
09H
38H
FCR
RX Flow Control Register
0AH
00H
EPCR
EEPROM & PHY Control Register
0BH
00H
EPAR
EEPROM & PHY Address Register
0CH
40H
EPDRL
EEPROM & PHY Low Byte Data Register
0DH
XXH
EPDRH
EEPROM & PHY High Byte Data Register
0EH
XXH
WCR
Wake Up Control Register
0FH
00H
PAR
Physical Address Register
10H-15H
Determined by
EEPROM
MAR
Multicast Address Register
16H-1DH
XXH
GPCR
General Purpose Control Register
1EH
01H
GPR
General Purpose Register
1FH
XXH
TRPAL
TX SRAM Read Pointer Address Low Byte
22H
00H
TRPAH
TX SRAM Read Pointer Address High Byte
23H
00H
RWPAL
RX SRAM Write Pointer Address Low Byte
24H
00H
RWPAH
RX SRAM Write Pointer Address High Byte
25H
0CH
VID
Vendor ID
28H-29H
0A46H
PID
Product ID
2AH-2BH
9000H
CHIPR
CHIP Revision
2CH
10H
TCR2
TX Control Register 2
2DH
00H
OCR
Operation Control Register
2EH
00H
SMCR
Special Mode Control Register
2FH
00H
ETXCSR
Early Transmit Control/Status Register
30H
00H
TCSCR
Transmit Check Sum Control Register
31H
00H
RCSCSR
Receive Check Sum Control Status Register
32H
00H
EPADR
External PHY address
33H
01H
GPCR2
General Purpose Control Register 2
34H
00H
GPR2
General Purpose Register 2
35H
00H
GPCR3
General Purpose Control Register 3
36H
00H
GPR3
General Purpose Register 3
37H
00H
MONIR1
Monitor Register 1
40H
XXH
MONIR2
Monitor Register 2
41H
XXH
MRCMDX
Memory Data Pre-Fetch Read Command Without Address
Increment Register
F0H
XXH
MRCMDX1
Memory Data Read Command With Address Increment
Register
F1H
XXH
MRCMD
Memory Data Read Command With Address Increment
Register
F2H
XXH
MRRL
Memory Data Read_ address Register Low Byte
F4H
00H
MRRH
Memory Data Read_ address Register High Byte
F5H
00H
MWCMDX
Memory Data Write Command Without Address Increment
Register
F6H
XXH
MWCMD
Memory Data Write Command With Address Increment
Register
F8H
XXH
MWRL
Memory Data Write_ address Register Low Byte
FAH
00H
MWRH
Memory Data Write _ address Register High Byte
FBH
00H
TXPLL
TX Packet Length Low Byte Register
FCH
XXH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com