Electronic Components Datasheet Search
  English  ▼

X  

DM9010 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 60Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 61Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
60
Version: DM9010-DS-P03
Apr. 28, 2005
12. Package Information
LQFP 100L Outline Dimensions
Unit: Inches/mm
L
GD
L1
Detail F
Seating Plane
GD
See Detail F
HD
D
y
51
75
50
26
76
100
b
125
e
Symbol
Dimensions In Inches
Dimensions In mm
A
0.063 Max.
1.60 Max.
A1
0.004
± 0.002
0.1
± 0.05
A2
0.055
± 0.002
1.40
± 0.05
b
0.009 ± 0.002
0.22 ± 0.05
c
0.006 ± 0.002
0.15 ± 0.05
D
0.551
± 0.005
14.00
± 0.13
E
0.551
± 0.005
14.00
± 0.13
e
0.020 BSC.
0.50 BSC.
F
0.481 NOM.
12.22 NOM.
GD
0.606 NOM.
15.40 NOM.
HD
0.630
± 0.006
16.00
± 0.15
HE
0.630
± 0.006
16.00
± 0.15
L
0.024
± 0.006
0.60
± 0.15
L1
0.039 Ref.
1.00 Ref.
y
0.004 Max.
0.1 Max.
θ
0
° ~ 12°
0
° ~ 12°
Notes:
1. Dimension D & E do not include resin fins.
2. Dimension GD is for PC Board surface mount pad pitch design reference only.
3. All dimensions are based on metric system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com