Electronic Components Datasheet Search
  English  ▼

X  

DM9010 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
26
Version: DM9010-DS-P03
Apr. 28, 2005
7~0
GPC2
HP0,RW
General Purpose Control 2
Define the input/output direction of pins SD23~16, which are used as general
purpose pins when none 32-bit mode and external MII mode, respectively.
6.33 General Purpose
Register
2
( 35H )
Bit
Name
Default
Description
7~0
GPD2
HP0,RW
General Purpose Register 2 Data
When the correspondent bit of General Purpose Control Register 2 is set, the value
of the bit is reflected to pin SD23~16
When the correspondent bit of General Purpose Control Register 2 is 0, the value
of the bit to be read is reflected from correspondent pins SD23~16
6.34 General Purpose Control Register
3 ( 36H )
Bit
Name
Default
Description
7~0
GPC3
HP0,RW
General Purpose Control 3
Define the input/output direction of pins SD31~24, which are used as general
purpose pins when none 32-bit mode and external MII mode, respectively.
6.35 General Purpose
Register
3
( 37H )
Bit
Name
Default
Description
7~0
GPD3
HP0,RW
General Purpose Register 3 Data
When the correspondent bit of General Purpose Control Register 3 is set, the value
of the bit is reflected to pin SD31~24
When the correspondent bit of General Purpose Control Register 3 is 0, the value
of the bit to be read is reflected from correspondent pins SD31~24
6.36 Monitor Register 1 ( 40H )
Bit
Name
Default
Description
7
BWIDTH
T0,RO
8-bit Data Strap Latch Status
6
DWIDTH
T0,RO
32-bit Data Strap Latch Status
5
INTOC
ET0,RO
INT Open-Collect Pin Status
4
INTP
ET0,RO
INT Polarity Pin Status
3
IO16OC
E0,RO
IO16/32 Open-Collect Pin Status
2
IO16P
E0,RO
IO16/32 Polarity Pin Status
1
ILEDM
ET0,RO
LED Mode Status
0
MDIX
ET0,RO
MDIX Strap Pin Status
6.37 Monitor Register 2 ( 41H )
Bit
Name
Default
Description
7~4
RESERVED
0,RO
Reserved
3
NOEEP
T0,RO
NO Load EEPROM Strap Pin Status
2
EXTMII
T0,RO
External MII Strap Pin Status
1
PHYUP
T0,RO
PHY Power-Up Strap Pin Status
0
RMII
T0,RO
Reverse MII strap Pin Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com