Electronic Components Datasheet Search
  English  ▼

X  

EM78P341 Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM78P341
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P341 Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM78P341 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 27
(This specification is subject to change without further notice)
6.2.16 IOC91 (Low-Time Register)
The 8-bit Low-time register controls the active or Low segment of the pulse.
The decimal value of its contents determines the number of oscillator cycles and
verifies that the IR OUT pin is active. The active period of IR OUT can be calculated as
follows:
NOTE
■ Low time width = { [1+decimal low-time value (IOC91)] * Low time Scale (IOCB1) } / FT
■ FT is system clock: FT = Fosc/1 (CLK=2)
FT = Fosc/2 (CLK=4)
When an interrupt is generated by the Low time down counter underflow (if enabled),
the next instruction will be fetched from address 015H (Low time).
6.2.17 IOCA1 (High Time Register)
The 8-bit High-time register controls the inactive or High period of the pulse.
The decimal value of its contents determines the number of oscillator cycles and
verifies that the IR OUT pin is inactive. The inactive period of IR OUT can be calculated
as follows:
NOTE
■ High time width = {[1+decimal high-time value (IOCA1)] * High time Scale (IOCB1) } / FT
■ FT is system clock: FT=Fosc/1(CLK=2)
FT=Fosc/2(CLK=4)
When an interrupt is generated by the High time down counter underflow (when
enabled), the next instruction will be fetched from Address 012H (High time).
6.2.18 IOCB1 High/Low Time Scale Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HTSE
HTS2
HTS1
HTS0
LTSE
LTS2
LTS1
LTS0
Bit 7 (HTSE): High-time scale enable bit
0 = scale disable bit, High-time rate is 1:1
1 = scale enable bit, High-time rate is set as Bit 6~Bit 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com