Electronic Components Datasheet Search
  English  ▼

X  

EM78P341 Datasheet(PDF) 90 Page - ELAN Microelectronics Corp

Part # EM78P341
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P341 Datasheet(HTML) 90 Page - ELAN Microelectronics Corp

Back Button EM78P341 Datasheet HTML 86Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 87Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 88Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 89Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 90Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 91Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 92Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 93Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 94Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
84
•
Product Specification (V1.0) 12.01.2006
(This specification is subject to change without further notice)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IOL1
Output Low Voltage
(Ports 5, P60~66, P70)
VOL = GND+0.5V
−
10
−
mA
IOL2
Output Low Voltage
(IR OUT (Port 67))
VOL = GND+0.5V
−
15
−
mA
IPH
Pull-high current
Pull-high active, input pin at VSS
-70
-75
-80
µA
IPL
Pull-low current
Pull-low active, input pin at Vdd
35
40
45
µA
ISB1
Power down current
All input and I/O pins at VDD,
output pin floating, WDT disabled
−
1.0
2.0
µA
ISB2
Power down current
All input and I/O pins at VDD,
output pin floating, WDT enabled
−
6.0
10
µA
ICC1
Operating supply current
at two clocks (VDD to
3V)
/RESET= 'High', Fosc=32kHz
(Crystal type,CLKS="0"), output
pin floating, WDT disabled
−
15
20
µA
ICC2
Operating supply current
at two clocks (VDD to
3V)
/RESET= 'High', Fosc=32kHz
(Crystal type,CLKS="0"), output
pin floating, WDT enabled
−
15
25
µA
ICC3
Operating supply current
at two clocks
/RESET= 'High', Fosc=4MHz
(Crystal type, CLKS="0"), output
pin floating, WDT enabled
−
1.9
2.2
mA
ICC4
Operating supply current
at two clocks
/RESET= 'High', Fosc=10MHz
(Crystal type, CLKS="0"), output
pin floating, WDT enabled
−
3.0
3.5
mA
Note: 1. These parameters are hypothetical (not tested) and are provided for design reference use only.
2. Data under minimum, typical, & maximum (Min, Typ, & Max) columns are based on hypothetical results at 25
°C. These
data are for design reference only.
8.1 AD Converter Characteristics
Vdd=2.5V to 5.5V, Vss=0V, Ta=25
°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VAREF
2.5
–
Vdd
V
VASS
Analog reference voltage VAREF - VASS
≥ 2.5V
Vss
–
Vss
V
VAI
Analog input voltage
–
VASS
–
VAREF
V
Ivdd
750
850
1000
uA
IAI1
Ivref
Analog supply current
Vdd=VAREF=5.0V, VASS =0.0V
(V referenced from Vdd)
–10
0
+10
uA
Ivdd
500
600
820
uA
IAI2
IVref
Analog supply current
Vdd=VAREF=5.0V, VASS=0.0V
(V referenced from VREF)
200
250
300
uA
IOP
OP current
Vdd=5.0V, OP used
Output voltage swing 0.2V to 4.8V
450
550
650
uA
RN
Resolution
Vdd=VAREF=5.0V, VASS =0.0V
10
11
–
Bits
LN
Linearity error
Vdd = 2.5 to 5.5V Ta=25°C
0
±4
±8
LSB
DNL
Differential nonlinear
error
Vdd = 2.5 to 5.5V Ta=25°C
0
±0.5
±0.9
LSB
FSE
Full scale error
Vdd=VAREF=5.0V, VASS =0.0V
±0
±4
±8
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com