Electronic Components Datasheet Search
  English  ▼

X  

EM78P341 Datasheet(PDF) 55 Page - ELAN Microelectronics Corp

Part # EM78P341
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P341 Datasheet(HTML) 55 Page - ELAN Microelectronics Corp

Back Button EM78P341 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P341 Datasheet HTML 59Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 49
(This specification is subject to change without further notice)
6.5.1.3 Controller Reset Block Diagram
WDT Timeout
Oscillator
D
Q
CLK
CLR
WDT
VDD
Setup time
Reset
CLK
/RESET
Power-on Reset
Voltage
Detector
ENWDTB
Fig. 6-8 Controller Reset Block Diagram
6.5.2 The T and P Status under Status (R3) Register
A reset condition is initiated by one of the following events:
1. Power-on reset
2. /RESET pin input "low"
3. WDT time-out (if enabled)
The values of RST, T, and P as listed in the table below, are used to check how the
processor wakes up.
Reset Type
RST
T
P
Power-on
0
1
1
/RESET during Operating mode
0
*P
*P
/RESET wake-up during SLEEP mode
0
1
0
WDT during Operating mode
0
0
1
WDT wake-up during SLEEP mode
0
0
0
Wake-up on pin change during SLEEP mode
1
1
0
*P: Previous status before reset
The following shows the events that may affect the status of T and P.
Event
RST
T
P
Power-on
0
1
1
WDTC instruction
*P
1
1
WDT time-out
0
0
*P
SLEP instruction
*P
1
0
Wake-up on pin changed during SLEEP mode
1
1
0
*P: Previous value before reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com